Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFB41N15D Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRFB41N15D
Descripción Electrónicos  Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFB41N15D Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFB41N15D Datasheet HTML 2Page - International Rectifier IRFB41N15D Datasheet HTML 3Page - International Rectifier IRFB41N15D Datasheet HTML 4Page - International Rectifier IRFB41N15D Datasheet HTML 5Page - International Rectifier IRFB41N15D Datasheet HTML 6Page - International Rectifier IRFB41N15D Datasheet HTML 7Page - International Rectifier IRFB41N15D Datasheet HTML 8Page - International Rectifier IRFB41N15D Datasheet HTML 9Page - International Rectifier IRFB41N15D Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRFB/IRFS/IRFSL41N15D
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
25
50
75
100
125
150
175
0
200
400
600
800
1000
1200
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
10A
21A
25A


Número de pieza similar - IRFB41N15D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFB41N15D IRF-IRFB41N15D Datasheet
268Kb / 12P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRFB41N15D ISC-IRFB41N15D Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB41N15DPBF IRF-IRFB41N15DPBF Datasheet
342Kb / 13P
   HEXFET Power MOSFET
IRFB41N15DPBF IRF-IRFB41N15DPBF Datasheet
343Kb / 13P
   High frequency DC-DC converters
logo
Infineon Technologies A...
IRFB41N15DPBF INFINEON-IRFB41N15DPBF Datasheet
714Kb / 13P
   High frequency DC-DC converters
2017-04-27
More results

Descripción similar - IRFB41N15D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRFB52N15D IRF-IRFB52N15D Datasheet
134Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRFB61N15D IRF-IRFB61N15D Datasheet
211Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRFRU4105 IRF-IRFRU4105 Datasheet
144Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??
IRFL4105 IRF-IRFL4105 Datasheet
168Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A)
IRF1310S IRF-IRF1310S Datasheet
361Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com