Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC324X Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza ADC324X
Descripción Electrónicos  The ADC324x are a high-linearity
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC324X Datasheet(HTML) 1 Page - Texas Instruments

  ADC324X Datasheet HTML 1Page - Texas Instruments ADC324X Datasheet HTML 2Page - Texas Instruments ADC324X Datasheet HTML 3Page - Texas Instruments ADC324X Datasheet HTML 4Page - Texas Instruments ADC324X Datasheet HTML 5Page - Texas Instruments ADC324X Datasheet HTML 6Page - Texas Instruments ADC324X Datasheet HTML 7Page - Texas Instruments ADC324X Datasheet HTML 8Page - Texas Instruments ADC324X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
Frequency (MHz)
0
12.5
25
37.5
50
62.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D101
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADC3241, ADC3242, ADC3243, ADC3244
SBAS671B – JULY 2014 – REVISED MARCH 2015
ADC324x Dual-Channel, 14-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converters
1 Features
3 Description
The ADC324x are a high-linearity, ultra-low power,
1
Dual Channel
dual-channel, 14-bit, 25-MSPS to 125-MSPS, analog-
14-Bit Resolution
to-digital converter (ADC) family. The devices are
Single Supply: 1.8 V
designed specifically to support demanding, high
input frequency signals with large dynamic range
Serial LVDS Interface (SLVDS)
requirements. An input clock divider allows more
Flexible Input Clock Buffer with Divide-by-1, -2, -4
flexibility for system clock architecture design and the
SNR = 72.4 dBFS, SFDR = 87 dBc at
SYSREF
input
enables
complete
system
fIN = 70 MHz
synchronization. The ADC324x family supports serial
low-voltage differential signaling (LVDS) in order to
Ultra-Low Power Consumption:
reduce the number of interface lines, thus allowing for
116 mW/Ch at 125 MSPS
high system integration density. The serial LVDS
Channel Isolation: 105 dB
interface is two-wire, where each ADC data are
Internal Dither and Chopper
serialized and output over two LVDS pairs. An
internal
phase-locked
loop
(PLL)
multiplies
the
Support for Multi-Chip Synchronization
incoming ADC sampling clock to derive the bit clock
Pin-to-Pin Compatible with 12-Bit Version
that is used to serialize the 14-bit output data from
Package: VQFN-48 (7 mm × 7 mm)
each channel. In addition to the serial data streams,
the frame and bit clocks are also transmitted as
LVDS outputs.
2 Applications
Multi-Carrier, Multi-Mode Cellular Base Stations
Device Information(1)
Radar and Smart Antenna Arrays
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Munitions Guidance
ADC324x
VQFN (48)
7.00 mm × 7.00 mm
Motor Control Feedback
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Network and Vector Analyzers
Communications Test Equipment
space
Nondestructive Testing
space
Microwave Receivers
space
Software-Defined Radios (SDRs)
space
Quadrature and Diversity Radio Receivers
space
Handheld Radio and Instrumentation
space
Performance at fS = 125 MSPS, fIN = 10 MHz
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - ADC324X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MPS Industries, Inc.
ADC324 MPSIND-ADC324 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Texas Instruments
ADC3241 TI1-ADC3241 Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
ADC3241 TI1-ADC3241 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADC3241 TI1-ADC3241 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADC3241IRGZ25 TI1-ADC3241IRGZ25 Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
More results

Descripción similar - ADC324X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC34J2X TI1-ADC34J2X Datasheet
6Mb / 88P
[Old version datasheet]   The ADC34J2x are a high-linearity
logo
Richtek Technology Corp...
RT9074 RICHTEK-RT9074 Datasheet
188Kb / 16P
   The RT9074 family are high voltage
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
   High linearity
logo
STMicroelectronics
STPTIC-39G2 STMICROELECTRONICS-STPTIC-39G2 Datasheet
481Kb / 11P
   High linearity
July 2015 Rev 1
logo
RFHIC
ACQ629 RFHIC-ACQ629 Datasheet
1Mb / 6P
   High linearity
logo
STMicroelectronics
STPTIC-15G2 STMICROELECTRONICS-STPTIC-15G2 Datasheet
473Kb / 11P
   High linearity
July 2015 Rev 2
STPTIC-27G2 STMICROELECTRONICS-STPTIC-27G2 Datasheet
472Kb / 11P
   High linearity
July 2015 Rev 1
logo
THOR communications
F-KBAND-T THOR-F-KBAND-T Datasheet
401Kb / 1P
   The F-KBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 25 GHz
F-SBAND-T THOR-F-SBAND-T Datasheet
425Kb / 1P
   The F-SBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 5 GHz
logo
ANADIGICS, Inc
AWS5534 ANADIGICS-AWS5534 Datasheet
204Kb / 12P
   High Linearity SP3T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com