Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCL1810A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCL1810A
Descripción Electrónicos  Single 1.8 V Supply
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CDCL1810A Datasheet(HTML) 5 Page - Texas Instruments

  CDCL1810A Datasheet HTML 1Page - Texas Instruments CDCL1810A Datasheet HTML 2Page - Texas Instruments CDCL1810A Datasheet HTML 3Page - Texas Instruments CDCL1810A Datasheet HTML 4Page - Texas Instruments CDCL1810A Datasheet HTML 5Page - Texas Instruments CDCL1810A Datasheet HTML 6Page - Texas Instruments CDCL1810A Datasheet HTML 7Page - Texas Instruments CDCL1810A Datasheet HTML 8Page - Texas Instruments CDCL1810A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
CDCL1810A
www.ti.com
SLLSEL1 – NOVEMBER 2014
Pin Functions
PIN
NAME
NUMBER
TYPE
DESCRIPTION
8, 11, 14, 17, 20, 23,
VDD
Power
1.8V digital power supply.
26, 29, 32, 35, 38, 41
AVDD
2, 5, 44, 47
Power
1.8V analog power supply.
Exposed thermal pad
VSS
Power
Ground reference.
and pin 12
NC
1, 13, 45, 46, 48
I
Not connected; leave open.
Differential LVDS input. Single-ended 1.8-V input can be dc-coupled to pin 3 with pin 4
CLKP, CLKN
3, 4
I
either tied to pin 3 (recommended) or left open.
YP0, YN0
6, 7
YP1, YN1
9, 10
YP2, YN2
15, 16
YP3, YN3
18, 19
YP4, YN4
21, 22
O
10 differential CML outputs.
YP5, YN5
27, 28
YP6, YN6
30, 31
YP7, YN7
33, 34
YP8, YN8
40, 39
YP9, YN9
43, 42
SCL serial clock pin. SCL tolerated 1.8V on the input only. Open drain. Always connect
SCL
24
I
to a pull-up resistor.
SDA bidirectional serial data pin. SDA tolerates 1.8V on the input only.Open drain.
SDA
25
I/O
Always connect to a pull-up resistor.
Configurable least significant bits (ADD[1:0]) of the SDA/SCL device address. The fixed
ADD1, ADD0
37, 36
I
most significant bits (ADD[6:2]) of the 7-bit device address are 11010.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CDCL1810A


Número de pieza similar - CDCL1810A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810 TI1-CDCL1810 Datasheet
980Kb / 33P
[Old version datasheet]   Output, High-Performance Clock Distributor
CDCL1810RGZR TI-CDCL1810RGZR Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810RGZR TI1-CDCL1810RGZR Datasheet
980Kb / 33P
[Old version datasheet]   Output, High-Performance Clock Distributor
CDCL1810RGZRG4 TI-CDCL1810RGZRG4 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
More results

Descripción similar - CDCL1810A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
ON Semiconductor
NB7VPQ701M ONSEMI-NB7VPQ701M Datasheet
856Kb / 10P
   1.8 V USB 3.1 Single Channel Re-driver
October, 2016 ??Rev. 2
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
logo
STMicroelectronics
STG1218 STMICROELECTRONICS-STG1218 Datasheet
1Mb / 29P
   Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
December 2021 Rev 3
logo
Texas Instruments
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 36P
   Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
REV. 0
logo
ON Semiconductor
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
   1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com