Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA40-800B Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

No. de pieza BTA40-800B
Descripción Electrónicos  40A TRIACS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KERSEMI [Kersemi Electronic Co., Ltd.]
Página de inicio  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA40-800B Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  BTA40-800B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA40-800B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA40-800B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA40-800B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA40-800B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA40-800B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Table 3: Absolute Maximum Ratings
Tables 4: Electrical Characteristics (Tj = 25°C, unless otherwise specified)
Table 5: Static Characteristics
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(full sine wave)
RD91 / TOP3
Tc = 95°C
40
A
TOP Ins.
Tc = 80°C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 50 Hz
t = 20 ms
400
A
F = 60 Hz
t = 16.7 ms
420
I²tI²t Value for fusing
tp = 10 ms
880
A²s
dI/dt
Critical rate of rise of on-state cur-
rent IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125°C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25°C
VDSM/VRSM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
8A
PG(AV)
Average gate power dissipation
Tj = 125°C
1W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
Symbol
Test Conditions
Quadrant
Value
Unit
IGT (1)
VD = 12 V
RL = 33 Ω
I - II - III
IV
MAX.
50
100
mA
VGT
ALL
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 125°C
ALL
MIN.
0.2
V
IH (2)
IT = 500 mA
MAX.
80
mA
IL
IG = 1.2 IGT
I - III - IV
MAX.
70
mA
II
160
dV/dt (2)
VD = 67 %VDRM gate open
Tj = 125°C
MIN.
500
V/µs
(dV/dt)c (2) (dI/dt)c = 20 A/ms
Tj = 125°C
MIN.
10
V/µs
Symbol
Test Conditions
Value
Unit
VT (2)
ITM = 60 A
tp = 380 µs
Tj = 25°C
MAX.
1.55
V
Vt0 (2)
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd (2)
Dynamic resistance
Tj = 125°C
MAX.
10
m
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5µA
Tj = 125°C
5mA
Note 1: minimum IGT is guaranted at 5% of IGT max.
Note 2: for both polarities of A2 referenced to A1.
BTA40, BTA41 and BTB41 Series
2014-6-16
www.kersemi.com
2


Número de pieza similar - BTA40-800B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
85Kb / 7P
   40A TRIACs
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
95Kb / 7P
   40A TRIACS
logo
Inchange Semiconductor ...
BTA40-800B ISC-BTA40-800B Datasheet
216Kb / 2P
   isc Triacs
More results

Descripción similar - BTA40-800B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
logo
Tiger Electronic Co.,Lt...
TPDV1240 TGS-TPDV1240 Datasheet
204Kb / 1P
   40A TRIACS
logo
Kersemi Electronic Co.,...
BTA41-700B KERSEMI-BTA41-700B Datasheet
1Mb / 6P
   40A TRIACS
BTA41-600B KERSEMI-BTA41-600B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-700B KERSEMI-BTA40-700B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-600B KERSEMI-BTA40-600B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
80810 STMICROELECTRONICS-80810 Datasheet
95Kb / 7P
   40A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA41-600B TGS-BTA41-600B Datasheet
87Kb / 1P
   40A TRIACS
BTA41-800B TGS-BTA41-800B Datasheet
38Kb / 1P
   40A TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com