Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM540DS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SM540DS
Descripción Electrónicos  5.0Amp. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM540DS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM540DS_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM540DS_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM540DS~SM5100DS
Voltage 40 ~100V
5.0Amp. Schottky Barrier Rectifiers
27-Mar-2014 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208
Polarity: As Marked
Mounting position: Any
Weight: 0.7 grams
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SM540DS
SM560DS
SM5100DS
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
40
60
100
V
Maximum RMS Voltage
VRMS
40
60
100
V
Maximum DC Blocking Voltage
VDC
40
60
100
V
Maximum Average Forward Rectified Current
IF
5
A
Peak Forward Surge Current, @8.3ms single half
sine-wave superimposed on rated load
IFSM
125
A
Maximum Instantaneous Forward Voltage @5A
VF
0.55
0.65
0.83
V
TA=25°C
0.2
0.1
0.05
Maximum DC Reverse Current at Rated DC
Blocking Voltage
3
TA=100°C
IR
30
30
7.5
mA
Typical Junction Capacitance
1
CJ
250
pF
Typical Thermal Resistance
2
RθJc
10
°C/W
Operating & Storage Temperature
TJ ,TSTG
-55~150
°C
Note:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.
Thermal Resistance Junction to Case. FR4 Board Heat sink size: 10*10*0.2mm.
3.
Pulse test: 300us pulse width, 1% duty cycle
Pin 2
Pin 3
Pin 1
TO-252 (D-Pack)
A
C
D
N
O
P
G E
F
H
K
J
M
B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.90
J
2.30 REF.
B
4.95
5.50
K
0.64
1.14
C
2.10
2.50
M
0.50
1.14
D
0.43
0.9
N
1.3
1.8
E
6.0
7.5
O
0
0.13
F
2.80 REF
P
0.58REF.
G
5.40
6.40
H
0.60
1.20


Número de pieza similar - SM540DS_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SM540DS SECOS-SM540DS Datasheet
291Kb / 2P
   5.0AMP Surface Mount Schottky Barrier Rectifiers
More results

Descripción similar - SM540DS_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SDR5100SF SECOS-SDR5100SF_15 Datasheet
383Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM560A SECOS-SM560A Datasheet
339Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
SP0560S SECOS-SP0560S Datasheet
479Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SR5150S SECOS-SR5150S_15 Datasheet
125Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM5100B SECOS-SM5100B Datasheet
561Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
SDR5200S SECOS-SDR5200S Datasheet
715Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM540A SECOS-SM540A Datasheet
236Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB5150 CYSTEKEC-SB5150 Datasheet
519Kb / 3P
   5.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR520 SECOS-SR520 Datasheet
215Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SDR5200SF SECOS-SDR5200SF_15 Datasheet
701Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SP05100S SECOS-SP05100S Datasheet
803Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com