Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RXO2520R Datasheet(PDF) 3 Page - TEMEX

No. de pieza RXO2520R
Descripción Electrónicos  Fast sample turnaround
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEMEX [TEMEX]
Página de inicio  http://www.temex.com
Logo TEMEX - TEMEX

RXO2520R Datasheet(HTML) 3 Page - TEMEX

  RXO2520R Datasheet HTML 1Page - TEMEX RXO2520R Datasheet HTML 2Page - TEMEX RXO2520R Datasheet HTML 3Page - TEMEX RXO2520R Datasheet HTML 4Page - TEMEX RXO2520R Datasheet HTML 5Page - TEMEX RXO2520R Datasheet HTML 6Page - TEMEX RXO2520R Datasheet HTML 7Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
10.0
ENVIRONMENTAL SPECIFICATION
Line
Parameter
Description
10.1
Mechanical Shock
MIL-STD-883, Method 2002
10.2
Storage Temperature
Range
-55 to 125 °C
10.3
Humidity
After 48 hours at 85 °C±2 °C 85 % relative humidity non-condensing
10.4
Thermal Shock
MIL-STD-883, Method 1011
10.5
Vibration
MIL-STD-883, Method 2007
10.6
Gross and Fine Leak
MIL-STD-883, Method 1014
10.7
RoHS Compliant
Yes
-------
Page 3


Número de pieza similar - RXO2520R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMEX
RXO2520P TEMEX-RXO2520P Datasheet
591Kb / 7P
   High Performance XO in 2.5 x 2.0 mm Surface Mount package
RXO2520S TEMEX-RXO2520S Datasheet
529Kb / 7P
   The RXO2520S performance clock oscillator delivers high performance
More results

Descripción similar - RXO2520R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMEX
RSO3225X TEMEX-RSO3225X Datasheet
537Kb / 6P
   Fast sample turnaround
RSO7050X TEMEX-RSO7050X Datasheet
393Kb / 6P
   Fast sample turnaround
RVX5032R TEMEX-RVX5032R Datasheet
617Kb / 8P
   Fast sample turnaround available
logo
Curtis Electromusic.
CEM5510 CES-CEM5510 Datasheet
70Kb / 2P
   FAST OCTAL SAMPLE & HOLD
logo
Maxim Integrated Produc...
DS1843 MAXIM-DS1843 Datasheet
479Kb / 8P
   Fast Sample-and-Hold Circuit
Rev 0; 5/09
DS1843 MAXIM-DS1843_12 Datasheet
483Kb / 8P
   Fast Sample-and-Hold Circuit
Rev 1; 2/12
logo
Intersil Corporation
HS-2420RH INTERSIL-HS-2420RH Datasheet
122Kb / 13P
   Radiation Hardened Fast Sample and Hold
July 1995
HS-2420RH INTERSIL-HS-2420RH_03 Datasheet
255Kb / 8P
   Radiation Hardened Fast Sample and Hold
HA5352 INTERSIL-HA5352 Datasheet
133Kb / 5P
   Fast Acquisition Dual Sample and Hold Amplifier
HA5352883 INTERSIL-HA5352883 Datasheet
27Kb / 1P
   Fast Acquisition Dual Sample and Hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com