Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM3200B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SM3200B
Descripción Electrónicos  3.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM3200B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM3200B_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM3200B_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM3200B
Voltage 200 V
3.0 Amp Schottky Barrier Rectifiers
20-Dec-2013 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Revise Current
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Axial Leads, Solderable per MIL-STD-202
method 208 Guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMB
3K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Peak Repetitive Peak reverse voltage
VRRM
200
V
Working Peak Reverse Voltage
VRWM
200
V
Maximum DC Blocking Voltage
VR
200
V
Average Forward Current @TJ=25°C
IF(AV)
3
A
Peak Forward Current @ 8.3 ms Half Sine
IFSM
90
A
IFM = 3.0 A, TA = 25°C
0.85
IFM = 3.0 A, TA = 75°C
0.75
Maximum Instantaneous Forward
Voltage
IFM = 3.0 A, TA = 125°C
VF
0.68
V
TJ = 25°C
5
Maximum DC Reverse Current At Rated DC
Blocking Voltage
2
TJ = 100°C
IR
80
μA
Typical Junction Capacitance
1
CJ
60
pF
Typical Thermal Resistance
3
RθJA
50
°C / W
Typical Thermal Resistance
4
RθJC
25
°C / W
Voltage Rate of Chance (Rated VR)
dv / dt
10000
V / μs
Operating Temperature Range
TJ
-50~150
°C
Storage temperature
TSTG
-65~150
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 5.0 V D.C.
2.
Pulse test: 300μs pulse width, 1% duty cycle.
3.
Thermal Resistance Junction to Ambient.
4.
Thermal Resistance Junction to Case.
SMB
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.06
4.70
F
5.08
5.59
C
3.30
3.94
G
0.76
1.52
D
2.13
2.44
H
0.15
0.305


Número de pieza similar - SM3200B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
More results

Descripción similar - SM3200B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
Formosa MS
SR320P FORMOSA-SR320P Datasheet
62Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR3200 SECOS-SR3200_05 Datasheet
147Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
First Components Intern...
SMC320 FCI-SMC320 Datasheet
127Kb / 2P
   3.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SR3100.VF0.751 DGNJDZ-SR3100.VF0.751 Datasheet
239Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-751-DO-27 DGNJDZ-SR3100-3A-751-DO-27 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-DO-27 DGNJDZ-SR3100-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3200V-3A-DO-27 DGNJDZ-SR3200V-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR360-3A-DO-27 DGNJDZ-SR360-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
1N5820U DYELEC-1N5820U Datasheet
708Kb / 2P
   3.0 AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com