Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMF201A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SMF201A
Descripción Electrónicos  2.0 Amp High Efficiency Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF201A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMF201A_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF201A_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SMF201A~SMF207A
Voltage 50 V ~ 1000 V
2.0 Amp High Efficiency Recovery Rectifiers
27-Aug-2013 Rev.C
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Número de pieza similar - SMF201A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMF201AM SECOS-SMF201AM Datasheet
187Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp Fast Recovery Rectifiers
More results

Descripción similar - SMF201A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SUF201B SECOS-SUF201B_15 Datasheet
235Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
SEF201B SECOS-SEF201B_15 Datasheet
253Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
SMF201B SECOS-SMF201B Datasheet
252Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
SMF201B SECOS-SMF201B_15 Datasheet
252Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
SUF201A SECOS-SUF201A_15 Datasheet
189Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
SEF205BS SECOS-SEF205BS Datasheet
246Kb / 2P
   600 V 2.0 Amp High Efficiency Recovery Rectifiers
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER201 UNIOHM-HER201 Datasheet
68Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Goodwork Semiconductor ...
HER201 GWSEMI-HER201 Datasheet
69Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER205-2C2A-2CDO-15 DGNJDZ-HER205-2C2A-2CDO-15 Datasheet
221Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com