Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BTB20-700BW Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd. |
|
BTB20-700BW Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd. |
1 / 5 page BTA20 BW/CW BTB20 BW/CW SNUBBERLESS TRIACS s High commutation: (dI/dt)c > 18A/ms without snubber s High surge current: ITSM = 200A s VDRM up to 800V s BTA Family: Insulating voltage = 2500V(RMS) (UL recognized: E81734) FEATURES The BTA/BTB20 BW/CW triac family are high per- formance glass passivated chips technology. The SNUBBERLESS ™ concept offer suppression of RC network and it is suitable for application such as phase control and static switching on inductive or resistive load. DESCRIPTION TO-220AB Symbol Parameter Value Unit IT(RMS) RMS on-state current (360° conduction angle) BTA Tc = 70°C 20 A BTB Tc = 90°C ITSM Non repetitive surge peak on-state current (Tj initial = 25°C) tp = 8.3ms 210 A tp = 10ms 200 I 2tI2t value tp = 10ms 200 A 2s dI/dt Critical rate of rise of on-state current Gate supply: IG = 500mA dIG/dt = 1A/µs Repetitive F = 50Hz 20 A/µs Non repetitive 100 Tstg Tj Storage and operating junction temperature range -40 to +150 -40 to +125 °C Tl Maximum lead soldering temperature during 10s at 4.5mm from case 260 °C ABSOLUTE RATINGS (limiting values) Symbol Parameter BTA/BTB20-...BW/CW Unit 600 700 VDRM VRRM Repetitive peak off-state voltage Tj = 125°C 600 700 V A1 A2 G 2014-6-10 1 www.kersemi.com |
Número de pieza similar - BTB20-700BW |
|
Descripción similar - BTB20-700BW |