Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA16-600B Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

No. de pieza BTA16-600B
Descripción Electrónicos  16 A Snubberless, logic level and standard Triacs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KERSEMI [Kersemi Electronic Co., Ltd.]
Página de inicio  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA16-600B Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  BTA16-600B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA16-600B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA16-600B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA16-600B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA16-600B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA16-600B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Table 4.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
standard (4 quadrants)
Symbol
Test conditions
Quadrant
BTA16 / BTB16
Unit
CB
IGT
(1)
1.
Minimum IGT is guaranted at 5% of IGT max
VD = 12 V
RL = 33 Ω
I - II - III
IV
Max.
25
50
50
100
mA
VGT
ALL
Max.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 125 °C
ALL
Min.
0.2
V
IH
(2)
2.
For both polarities of A2 referenced to A1
IT = 500 mA
Max.
25
50
mA
IL
IG = 1.2 IGT
I - III - IV
Max.
40
60
mA
II
80
120
dV/dt (2) VD = 67 %VDRM gate open
Tj = 125 °C
Min.
200
400
V/µs
(dV/dt)c
(2)
(dI/dt)c = 7 A/ms
Tj = 125 °C
Min.
5
10
V/µs
Table 5.
Static characteristics
Symbol
Test conditions
Value
Unit
VT (2)
ITM = 22.5 A
tp = 380 µs
Tj = 25 °C
Max.
1.55
V
Vto (2)
Threshold voltage
Tj = 125 °C
Max.
0.85
V
Rd (2)
Dynamic resistance
Tj = 125 °C
Max.
25
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
Max.
5µA
Tj = 125 °C
2
mA
Table 6.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
D2PAK / TO-220AB
1.2
°C/W
TO-220AB insulated
2.1
Rth(j-a)
Junction to ambient
S(1) = 1 cm²
1.
S = Copper surface under tab
D2PAK
45
°C/W
TO-220AB / TO-220AB
insulated
60
BTA16, BTB16
T1610, T1635
2014-6-9
3
www.kersemi.com


Número de pieza similar - BTA16-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTA16-600B STMICROELECTRONICS-BTA16-600B Datasheet
67Kb / 5P
   STANDARD TRIACS
logo
Inchange Semiconductor ...
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Tiger Electronic Co.,Lt...
BTA16-600B TGS-BTA16-600B Datasheet
93Kb / 1P
   16A TRIACS
logo
Comset Semiconductor
BTA16-600B COMSET-BTA16-600B Datasheet
156Kb / 3P
   TRIAC
logo
First Silicon Co., Ltd
BTA16-600B FS-BTA16-600B Datasheet
966Kb / 5P
   Bi-Directional Triode Thyristor
More results

Descripción similar - BTA16-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
logo
Kersemi Electronic Co.,...
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-700CW KERSEMI-BTB16-700CW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-600BW KERSEMI-BTB16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-700C KERSEMI-BTB16-700C Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-800C KERSEMI-BTA16-800C Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-800SW KERSEMI-BTA16-800SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com