Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC1213A(K) Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza 2SC1213A(K)
Descripción Electrónicos  Silicon NPN Epitaxial
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1213A(K) Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC1213A(K)_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC1213A(K)_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC1213A(K)_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC1213A(K)_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC1213A(K)_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC1213A(K)_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC1213A(K)_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC1213A(K)
Preliminary
R07DS0432EJ0300 Rev.3.00
Page 3 of 6
Jun 07, 2011
Main Characteristics
Switching Time Test Circuit
ton, toff Test Circuit
50
50
0.002
–6 V
6 k
1 k
10.3 V
6 k
D.U.T.
CRT
P.G.
tr, tf ≤ 15 ns
PW 5
μs
duty ratio
≤ 10%
–+
50
0.002
– +
UnitR :
Ω
C :
μF
Switching Time Test Circuit
tstg Test Circuit
200
50
0.002
7 V
100
240
5 V
1.0 215
D.U.T.
CRT
P.G.
tr ≤ 5 ns
PW 5
μs
duty ratio
≤ 2%
+–
50
0.002
– +
Unit R :
Ω
C : F
0
0
13 V
10%
90%
10%
Response Waveform
90%
90%
Input
Output
ton
td
toff
0
0
9 V
10%
10%
Input
Output
tstg
Response Waveform


Número de pieza similar - 2SC1213A(K)_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SC1213A HITACHI-2SC1213A Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC1213A HITACHI-2SC1213A Datasheet
43Kb / 8P
   Silicon NPN Epitaxial
logo
Micro Electronics
2SC1213A MICRO-ELECTRONICS-2SC1213A Datasheet
67Kb / 1P
   SILICON TRANSISTOR
logo
TRANSYS Electronics Lim...
2SC1213A TEL-2SC1213A Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SC1213A RENESAS-2SC1213A Datasheet
154Kb / 5P
   Silicon NPN Epitaxial
More results

Descripción similar - 2SC1213A(K)_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com