Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HD74HCT534 Datasheet(PDF) 7 Page - Renesas Technology Corp

No. de Pieza. HD74HCT534
Descripción  Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo 

HD74HCT534 Datasheet(HTML) 7 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74HCT374, HD74HCT534
Rev.2.00 Mar 30, 2006 page 5 of 7
Waveforms
Input CLK
0 V
tPLH
10 %
90 %
tr
tf
10 %
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
10 %
tr
90 %
10 %
tf
0 V
tPHL
VOH
VCC
VCC
VCC
VCC
VCC
VOL
Input D
Output
Q
tw
tsu
th
0 V
0 V
Input CLK
Input D
tr
90 % 90 %
10 %
tf
10 %
90 %
90 %
90 %
10 %
tZL
tLZ
tZH
tHZ
tf
tr
90 %
10 %
90 %
10 %
VOH
VOL
0 V
Input OC
Waveform - A
Waveform - B
tw
VOH
VOL
Waveform –3
Waveform –2
Waveform –1
Output Q
Notes : 1. Input waveform : PRR
≤ 1 MHz, duty cycle 50%, tr ≤ 6 ns, tf ≤ 6 ns
2. Waveform– A is for an output with internal conditions such that the
output is low except when disabled by the output control.
3. Waveform– B is for an output with internal conditions such that the
output is high except when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn