Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HD74HCT534 Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de Pieza. HD74HCT534
Descripción  Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo 

HD74HCT534 Datasheet(HTML) 3 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev.2.00 Mar 30, 2006 page 1 of 7
HD74HCT374, HD74HCT534
Octal D-type Flip-Flops (with 3-state outputs)
Octal D-type Flip-Flops (with inverted 3-state outputs)
REJ03D0667–0200
(Previous ADE-205-556)
Rev.2.00
Mar 30, 2006
Description
These device are positive edge triggered flip-flops. The difference between HD74HCT374 and HD74HCT534 is only
that the former is a true outputs and the latter is a false outputs. Data at the D inputs, meeting the setup and hold time
requirements, are transferred to the Q outputs on positive going transitions of the clock (CK) input. When a high logic
level is applied to the output control (OC) input, all outputs go to a high impedance state, regardless of what signals are
present at the other inputs and the state of the storage elements.
Features
• LSTTL Output Logic Level Compatibility as well as CMOS Output Compatibility
• High Speed Operation: t
pd (Clock to Q) = 15 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 4.5 to 5.5 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HCT374P
DILP-20 pin
PRDP0020AC-B
(DP-20NEV)
P
HD74HCT374FPEL
HD74HCT534FPEL
SOP-20 pin (JEITA)
PRSP0020DD-B
(FP-20DAV)
FP
EL (2,000 pcs/reel)
HD74HCT374RPEL
HD74HCT534RPEL
SOP-20 pin (JEDEC)
PRSP0020DC-A
(FP-20DBV)
RP
EL (1,000 pcs/reel)
HD74HCT374TELL
TSSOP-20 pin
PTSP0020JB-A
(TTP-20DAV)
T
ELL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Output Control
Clock
D
HD74HCT374
Q
HD74HCT534
Q
L
H
H
L
L
L
L
H
L
L
X
No change
No change
H
X
X
Z
Z
Notes: 1. H; High level, L; Low level, X; Irrelevant, Z; High impedance


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn