Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ278 Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza 2SJ278
Descripción Electrónicos  Silicon P Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ278 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SJ278_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ278_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ278_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ278_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ278_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ278_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ278_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ278_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ278_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev.2.00 Sep 07, 2005 page 1 of 6
2SJ278
Silicon P Channel MOS FET
REJ03G0856-0200
(Previous: ADE-208-1190)
Rev.2.00
Sep 07, 2005
Description
High speed power switching
Features
• Low on-resistance
• High speed switching
• Low drive current
• 4 V gate drive device can be driven from 5 V source
• Suitable for switching regulator, DC-DC converter
Outline
RENESAS Package code: PLZZ0004CA-A
(Package name: UPAK
)
1. Gate
2. Drain
3. Source
4. Drain
D
G
S
1
2
3
4
R
Note: Marking is “MY”.
*UPAK is a trademark of Renesas Technology Corp.


Número de pieza similar - 2SJ278_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ278MYTL-E RENESAS-2SJ278MYTL-E Datasheet
78Kb / 7P
   Silicon P Channel MOS FET
2SJ278MYTR-E RENESAS-2SJ278MYTR-E Datasheet
78Kb / 7P
   Silicon P Channel MOS FET
More results

Descripción similar - 2SJ278_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com