Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRL2203S Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRL2203S
Descripción Electrónicos  Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRL2203S Datasheet(HTML) 5 Page - International Rectifier

  IRL2203S Datasheet HTML 1Page - International Rectifier IRL2203S Datasheet HTML 2Page - International Rectifier IRL2203S Datasheet HTML 3Page - International Rectifier IRL2203S Datasheet HTML 4Page - International Rectifier IRL2203S Datasheet HTML 5Page - International Rectifier IRL2203S Datasheet HTML 6Page - International Rectifier IRL2203S Datasheet HTML 7Page - International Rectifier IRL2203S Datasheet HTML 8Page - International Rectifier IRL2203S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRL2203S
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
5.0V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0
20
40
60
80
100
25
50
75
100
125
150
175
C
T , C ase T em pe ra ture (°C )
A
L IM ITED BY PAC KA GE
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0 . 1
1
1 0
t
, R ectan gular P ulse D u ra tion (sec)
1
D = 0.50
0.01
0.02
0.05
0.10
0.20
S INGLE PULS E
( THER MAL R ESP ONS E)
A
P
t 2
1
t
DM
N otes :
1. D uty fac tor D = t
/ t
2. P ea k T = P
x Z
+ T
12
J
DM
thJ C
C


Número de pieza similar - IRL2203S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRL2203 IRF-IRL2203 Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203N IRF-IRL2203N Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
logo
Inchange Semiconductor ...
IRL2203N ISC-IRL2203N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRL2203NL IRF-IRL2203NL Datasheet
132Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NLPBF IRF-IRL2203NLPBF Datasheet
231Kb / 11P
   HEXFET짰 Power MOSFET
More results

Descripción similar - IRL2203S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
   Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRL3803 IRF-IRL3803 Datasheet
365Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRLR3103 IRF-IRLR3103 Datasheet
164Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203N IRF-IRL2203N Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NS IRF-IRL2203NS Datasheet
132Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com