Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD2500C Datasheet(PDF) 6 Page - International Rectifier

No. de pieza SD2500C
Descripción Electrónicos  STANDARD RECOVERY DIODES Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

SD2500C Datasheet(HTML) 6 Page - International Rectifier

  SD2500C Datasheet HTML 1Page - International Rectifier SD2500C Datasheet HTML 2Page - International Rectifier SD2500C Datasheet HTML 3Page - International Rectifier SD2500C Datasheet HTML 4Page - International Rectifier SD2500C Datasheet HTML 5Page - International Rectifier SD2500C Datasheet HTML 6Page - International Rectifier SD2500C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SD2500C..K Series
∆R
thJ-hs Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
Ordering Information Table
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
C = Ceramic Puk
5
-
Voltage code: code x 100 = V
RRM
(see Voltage Ratings Table)
6
-
K = Puk Case DO-200AC (K-PUK)
1
2
3
4
5
6
Device Code
SD 250
0
C
25
K
T
J
Max. junction operating temperature range
-40 to 180
T
stg
Max. storage temperature range
-55 to 200
R
thJ-hs
Max. thermal resistance, junction
0.042
DC operation single side cooled
to heatsink
0.020
DC operation double side cooled
F
Mounting force, ± 10%
22250
N
(2250)
(Kg)
wt
Approximate weight
425
g
Case style
DO-200AC(K-PUK)
See Outline Table
Parameter
SD2500C..K
Units
Conditions
Thermal and Mechanical Specifications
°C
K/W
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
Single Side Double Side
Single Side Double Side
180°
0.002
0.002
0.001
0.001
120°
0.002
0.002
0.002
0.002
90°
0.003
0.003
0.003
0.003
K/W
T
J
= T
J
max.
60°
0.004
0.004
0.004
0.004
30°
0.007
0.007
0.007
0.007
To Order
Next Data Sheet
Index
Previous Datasheet


Número de pieza similar - SD2500C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD2500C12K VISHAY-SD2500C12K Datasheet
123Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 3000 A
Revision: 14-May-08
SD2500C12K VISHAY-SD2500C12K Datasheet
136Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 3000 A
Revision: 14-May-08
SD2500C12K VISHAY-SD2500C12K_12 Datasheet
136Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 3000 A
Revision: 14-May-08
SD2500C16K VISHAY-SD2500C16K Datasheet
123Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 3000 A
Revision: 14-May-08
SD2500C16K VISHAY-SD2500C16K Datasheet
136Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 3000 A
Revision: 14-May-08
More results

Descripción similar - SD2500C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD3000C IRF-SD3000C Datasheet
171Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD4000C IRF-SD4000C Datasheet
177Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD400C IRF-SD400C Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C IRF-SD1100C Datasheet
226Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com