Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD203N10S10MBC Datasheet(PDF) 4 Page - International Rectifier

No. de pieza SD203N10S10MBC
Descripción Electrónicos  FAST RECOVERY DIODES Stud Version
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

SD203N10S10MBC Datasheet(HTML) 4 Page - International Rectifier

  SD203N10S10MBC Datasheet HTML 1Page - International Rectifier SD203N10S10MBC Datasheet HTML 2Page - International Rectifier SD203N10S10MBC Datasheet HTML 3Page - International Rectifier SD203N10S10MBC Datasheet HTML 4Page - International Rectifier SD203N10S10MBC Datasheet HTML 5Page - International Rectifier SD203N10S10MBC Datasheet HTML 6Page - International Rectifier SD203N10S10MBC Datasheet HTML 7Page - International Rectifier SD203N10S10MBC Datasheet HTML 8Page - International Rectifier SD203N10S10MBC Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SD203N/R Series
4
www.irf.com
Bulletin I2064 rev. A 09/94
Outline Table
Conform to JEDEC DO-205AB (DO-9)
All dimensions in millimeters (inches)
CERAMIC HOUSING
MAX.
19 (0.75)
DIA. 8.5 (0.33) NOM.
DIA. 27.5 (1.08) MAX.
SW 32
* FOR METRIC DEVICE: M16 X 1.5
3/4"-16UNF-2A*
C.S. 35mm
4 (0.16) MAX.
2
(0.054 s.i.)
GLASS-METAL SEAL
MAX.
19 (0.75)
DIA. 8.5 (0.33) NOM.
DIA. 28.5 (1.08) MAX.
SW 32
* FOR METRIC DEVICE: M16 X 1.5
3/4-16UNF-2A*
C.S. 35mm
4 (0.16) MAX.
2
(0.054 s.i.)


Número de pieza similar - SD203N10S10MBC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TRANSYS Electronics Lim...
SD203N10S10 TEL-SD203N10S10 Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
More results

Descripción similar - SD203N10S10MBC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com