Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD178004A Datasheet(PDF) 4 Page - NEC

No. de Pieza. UPD178004A
Descripción  8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD178004A Datasheet(HTML) 4 Page - NEC

  UPD178004A Hoja de datos HTML 1Page - NEC UPD178004A Hoja de datos HTML 2Page - NEC UPD178004A Hoja de datos HTML 3Page - NEC UPD178004A Hoja de datos HTML 4Page - NEC UPD178004A Hoja de datos HTML 5Page - NEC UPD178004A Hoja de datos HTML 6Page - NEC UPD178004A Hoja de datos HTML 7Page - NEC UPD178004A Hoja de datos HTML 8Page - NEC UPD178004A Hoja de datos HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
µPD178004A, 178006A, 178016A, 178018A
4
Product name
µPD178004A
µPD178006A
µPD178016A
µPD178018A
Item
PLL frequency
Division mode
Two types
synthesizer
• Direct division mode (VCOL pin)
• Pulse swallow mode (VCOH and VCOL pins)
Reference frequency
7 types selectable by program (1, 3, 5, 9, 10, 25, 50 kHz)
Charge pump
Error out output: 2 (EO0 and EO1 pins Note 1)
Phase comparator
Unlock detectable by program
Frequency counter
• Frequency measurement
• AMIFC pin: for 450-kHz count
• FMIFC pin: for 450-kHz/10.7-MHz count
D/A converter (PWM output)
8-/9-bit resolution
× 3 channels (shared by 8-bit timer)
Standby function
• HALT mode
• STOP mode
Reset
• Reset by RESET pin
• Internal reset by watchdog timer
• Reset by power-ON clear circuit (3-value detection)
• Detection of less than 4.5 V Note 2 (CPU clock: fX)
• Detection of less than 3.5 V Note 2 (CPU clock: fX/2 or less and on power application)
• Detection of less than 2.5 V Note 2 (in STOP mode)
Power supply voltage
• VDD = 4.5 to 5.5 V (with PLL operating)
•VDD = 3.5 to 5.5 V (with CPU operating, CPU clock: fX/2 or less)
•VDD = 4.5 to 5.5 V (with CPU operating, CPU clock: fX)
Package
• 80-pin plastic QFP (14
× 14 mm, 0.65-mm pitch)
Notes 1. The EO1 pin can be set to high impedance for the
µPD178016A and 178018A.
The following shows an application example.
PD178016A
PD178018A
µ
µ
EO0
EO1
VCOH
VCOL
LPF
VCO
To Mixer
LPF : Low path filter
VCO : Voltage controlled oscillator
• To lock to a target frequency at high speed
Setting the EO0 and EO1 pins to error out output improves the output current potential and LPF
voltage control potential.
• Normal state
Setting only the EO0 pin to error out output maintains the LPF stable.
2. These voltage values are maximum values. Reset is actually executed at a voltage lower than these
values.
(2/2)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn