Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD203N25S20PSC Datasheet(PDF) 3 Page - International Rectifier

No. de pieza SD203N25S20PSC
Descripción Electrónicos  FAST RECOVERY DIODES Stud Version
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

SD203N25S20PSC Datasheet(HTML) 3 Page - International Rectifier

  SD203N25S20PSC Datasheet HTML 1Page - International Rectifier SD203N25S20PSC Datasheet HTML 2Page - International Rectifier SD203N25S20PSC Datasheet HTML 3Page - International Rectifier SD203N25S20PSC Datasheet HTML 4Page - International Rectifier SD203N25S20PSC Datasheet HTML 5Page - International Rectifier SD203N25S20PSC Datasheet HTML 6Page - International Rectifier SD203N25S20PSC Datasheet HTML 7Page - International Rectifier SD203N25S20PSC Datasheet HTML 8Page - International Rectifier SD203N25S20PSC Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SD203N/R Series
3
www.irf.com
Bulletin I2064 rev. A 09/94
Thermal and Mechanical Specification
Parameter
SD203N/R
Units
Conditions
°C
K/W
Nm
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJC
Max. thermal resistance, junction to case
0.115
DC operation
R
thCS
Max. thermal resistance, case to heatsink
0.08
Mounting surface, smooth, flat and greased
T
Mounting torque ±10%
31
Not lubricated threads
24.5
Lubricated threads
wt
Approximate weight
250
g
Case style
DO-205AB (DO-9)
See Outline Table
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
180°
0.010
0.008
T
J = TJ max.
120°
0.013
0.014
90°
0.017
0.019
K/W
60°
0.025
0.027
30°
0.044
0.044
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
Ordering Information Table
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
N = Stud Normal Polarity (Cathode to Stud)
R = Stud Reverse Polarity (Anode to Stud)
5
-
Voltage code: Code x 100 = V
RRM
(see Voltage Ratings table)
6
-t
rr
code (see Recovery Characteristics table)
7
-
P = Stud base DO-205AB (DO-9) 3/4" 16UNF-2A
M = Stud base DO-205AB (DO-9) M16 X 1.5
8
-7 B = Flag top terminals (for Cathode/ Anode Leads)
S = Isolated lead with silicone sleeve
(Red = Reverse Polarity; Blue = Normal Polarity)
None = Not isolated lead
9
-
C = Ceramic housing (over 1600V)
V = Glass-metal seal (only up to 1600V)
5
1
2
3
4
SD
20
3
R
25
S20
P
B
C
7
6
89
Device Code


Número de pieza similar - SD203N25S20PSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TRANSYS Electronics Lim...
SD203N25S20 TEL-SD203N25S20 Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
More results

Descripción similar - SD203N25S20PSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com