Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL54B Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

No. de pieza SL54B
Descripción Electrónicos  Chip Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Página de inicio  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SL54B Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SL54B Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SL54B Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
·
High current capacity,low VF
·
low power loss,High Efficiency
·
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 utilizing
Flame Retardant Epoxy Molding Compound
·
Guard Ring Die Construction
·
Ideally Suited Automatic Assembly
Mechanical Data
·
Case: Moeded plastic SMB
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026
·
Polarity: Color band dentes cathode end
·
Standard packaging:12mm tape(EIA-481)
Rating at 25℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL SL52B SL54B SL56B SL58B SL510B SL515B SL520B Unit
VRRM
20
40
60
80
100
150
200
V
VRMS
14
28
42
56
70
105
140
V
VDC
20
40
60
80
100
150
200
V
IO
A
IFSM
A
VFM
0.4
0.45
0.5
0.7
0.8
0.85
V
RθJA
/W
Tj
TSTG
17
Note: 1. Thermal Resistance from Junction to Ambient at 0.375''(9.5mm) lead length,vertical P.C.Board Mounted
-55 to +125
mA
Peak Reverse Current
@TA=25℃
1
5
Storage Temperature Range
-55 to +125
Operating Temperature Range
At Rated DC Blocking Voltage @TA=100℃
Typical Thermal Resistance Junction to
Ambient(Note 1)
50.0
Maximum DC Blocking Voltage
Average Rectified Output Current
@TA =90℃
5.0
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
120
Forward Voltage
@IF=5.0A
IR
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
SL52B THRU SL520B
Features
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
0.084(2.013
0.096(2.44)
0.200(5.08)
0.220(5.59)
0.160(4.06)
0.185(4.70)
0.130(3.30)
0.155(3.94)
0.075(1.91)
0.083(2.11)
SMB/DO-214AA
0.060(1.52)
0.030(0.76)
0.012(0.305)
0.006(0.150)
0.008(0.203)
0.002(0.051)
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.


Número de pieza similar - SL54B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
SL54B GOOD-ARK-SL54B Datasheet
211Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Sangdest Microelectroni...
SL54B SMC-SL54B Datasheet
200Kb / 6P
   Reverse battery protection
logo
Microdiode Electronics ...
SL54B CHENDA-SL54B Datasheet
223Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SL54B MCC-SL54B Datasheet
507Kb / 3P
   5 Amp Low VF Schottky Rectifier 40~100 Volts
logo
Shenzhen Yixinwei Techn...
SL54B YIXIN-SL54B Datasheet
172Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Descripción similar - SL54B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Shenzhen Taychipst Elec...
MBRA120T3 TAYCHIPST-MBRA120T3 Datasheet
6Mb / 2P
   CHIP SCHOTTKY BARRIER DIODES
logo
SHENZHEN YONGERJIA INDU...
FM220-M WINNERJOIN-FM220-M Datasheet
96Kb / 2P
   Chip Schottky Barrier Diodes
SK12 WINNERJOIN-SK12 Datasheet
205Kb / 2P
   CHIP SCHOTTKY BARRIER DIODES
logo
Yea Shin Technology Co....
MBRX120SL YEASHIN-MBRX120SL Datasheet
405Kb / 2P
   Chip Schottky Barrier Diodes
logo
SHENZHEN YONGERJIA INDU...
SS30 WINNERJOIN-SS30 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
FM120-M WINNERJOIN-FM120-M Datasheet
97Kb / 2P
   Chip Schottky Barrier Diodes
logo
M/A-COM Technology Solu...
MA4E1317_V7 MA-COM-MA4E1317_V7 Datasheet
140Kb / 7P
   GaAs Flip Chip Schottky Barrier Diodes
logo
Tyco Electronics
MA4E1317 MACOM-MA4E1317 Datasheet
160Kb / 5P
   GaAs Flip Chip Schottky Barrier Diodes
logo
M/A-COM Technology Solu...
MA4E1317 MA-COM-MA4E1317_14 Datasheet
653Kb / 6P
   GaAs Flip Chip Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com