Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3424 Datasheet(PDF) 4 Page - Renesas Technology Corp

No. de pieza 2SK3424
Descripción Electrónicos  MOS FIELD EFFECT TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3424 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK3424_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3424_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3424_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3424_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3424_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3424_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3424_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3424_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3424_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet D14640EJ2V0DS
2
2SK3424
ELECTRICAL CHARACTERISTICS(TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Leakage Current
IDSS
VDS = 30 V, VGS = 0 V
10
µA
Gate Leakage Current
IGSS
VGS =
±20 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 24 A
13
S
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 24 A
7.7
11.5
m
RDS(on)2
VGS = 4.5 V, ID = 24 A
10.5
17.0
m
Input Capacitance
Ciss
VDS = 10 V
1900
pF
Output Capacitance
Coss
VGS = 0 V
580
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
270
pF
Turn-on Delay Time
td(on)
VDD = 15 V , ID = 24 A
14
ns
Rise Time
tr
VGS(on) = 10 V
13
ns
Turn-off Delay Time
td(off)
RG = 10
61
ns
Fall Time
tf
22
ns
Total Gate Charge
QG
VDD = 24 V
34
nC
Gate to Source Charge
QGS
VGS = 10 V
6.4
nC
Gate to Drain Charge
QGD
ID = 48 A
9.1
nC
Diode Forward Voltage
VF(S-D)
IF = 48 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
IF = 48 A, VGS = 0 V
34
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
26
nC
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
VGS
Wave Form
VDS
Wave Form
VGS
10%
90%
10%
0
VDS
90%
td(on)
tr
td(off)
tf
τ
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG = 2 mA


Número de pieza similar - 2SK3424_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK3424-ZJ NEC-2SK3424-ZJ Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
logo
Guangdong Kexin Industr...
2SK3424-ZJ KEXIN-2SK3424-ZJ Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Inchange Semiconductor ...
2SK3424-ZJ ISC-2SK3424-ZJ Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3424-ZJ RENESAS-2SK3424-ZJ Datasheet
202Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
NEC
2SK3424-ZK NEC-2SK3424-ZK Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
More results

Descripción similar - 2SK3424_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com