Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KF881FU Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KF881FU
Descripción Electrónicos  SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF881FU Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KF881FU Datasheet HTML 1Page - KEC(Korea Electronics) KF881FU Datasheet HTML 2Page - KEC(Korea Electronics) KF881FU Datasheet HTML 3Page - KEC(Korea Electronics) KF881FU Datasheet HTML 4Page - KEC(Korea Electronics) KF881FU Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2002. 10. 30
1/5
SAW FILTER
TECHNICAL DATA
KF881FU
SPECIFICATIONS FOR SAW FILTER
Revision No : 3
Band pass filters for TX of AMPS/TDMA/CDMA
High stability and reliability with good performance and no adjustment.
Wide and sharp pass band characteristics.
Low insertion loss and deep stop band attenuation for interference.
MAXIMUM RATINGS
A
B
D
E
F
C
G
1.15 0.12
1.50 TYP.
3.0 0.1
3.0 0.1
0.60 TYP.
0.85 TYP.
1.20 TYP.
DIM MILLIMETERS
FUNCTION
GROUND
SIGNAL
SIGNAL
1
PIN NO
3
6
4
2
5
SC-33
+
_
+
_
+
_
A
B
C
6
5
4
3
D
E
F
2
1
ITEM
SYMBOL
RATING
UNIT
Input Signal Level
ISmax
+15
dBm
DC Permissive Voltage
VDC
5
V
Operating Temperature Range
Topr
-30 +85
Storage Temperature Range
Tstg
-40 +85
ELECTRICAL CHARACTERISTICS (Ta=-30 to 85 )
ITEMS
SYMBOL
TEST CONDITION
MIN.
TYP.(25 )
MAX.
UNIT
Nominal Center Frequency
fo
-
-
881.5
-
MHz
Bandwidth
BW3dB
-
fO 12.5
-
-
MHz
Insertion Loss
ILPASS
fO 12.5MHz
-
3.0
3.5
dB
Ripple Level
ARIP
fO 12.5MHz
-
1.0
2.0
dB
Rejection Level
ILSTOP
DC 800MHz
25
30
-
dB
800 849MHz
33
38
-
914 939MHz
20
33
-
939 1049MHz
30
34
-
1049 2000MHz
25
30
-
Voltage Standing Wave Ratio
VSWR
fO 12.5MHz
-
1.9
2.2
-
Input/Output Impedance
ZI(ZO)
-
-
50
-
-
K H N
MARKING
Lot No.


Número de pieza similar - KF881FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
KF8819 SIEMENS-KF8819 Datasheet
529Kb / 10P
   Oil Burner Controls
logo
KEC(Korea Electronics)
KF881U KEC-KF881U Datasheet
444Kb / 5P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
More results

Descripción similar - KF881FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KF836FU KEC-KF836FU Datasheet
443Kb / 5P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
KF836U KEC-KF836U Datasheet
130Kb / 5P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
KF881U KEC-KF881U Datasheet
444Kb / 5P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
KF902FU KEC-KF902FU Datasheet
247Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF GSM)
KFM85M KEC-KFM85M Datasheet
266Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR CDMA IF STAGE)
KF942FU KEC-KF942FU Datasheet
142Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RX OF EGSM)
KF947FU KEC-KF947FU Datasheet
246Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RX OF EGSM)
KF402BS KEC-KF402BS Datasheet
397Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF402B KEC-KF402B Datasheet
177Kb / 3P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF433S KEC-KF433S Datasheet
254Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF TRANSCEIVER)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com