Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5228C Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

No. de pieza 1N5228C
Descripción Electrónicos  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Página de inicio  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

1N5228C Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  1N5228C Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N5228C Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N5228C Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N5228C Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N5228C Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WEJ
ELECTRONIC
CO.,LTD
VZnom
1)
IZT
for
rzjT
rzjK
at
IZK
IR
at
VR
TKVZ
Type
V
mA
Ω
Ω
mA
μ
A
V
%/K
1N5221C
2.4
20
<30
<1200
0.25
<100
1.0
<-0.085
1N5222C
2.5
20
<30
<1250
0.25
<100
1.0
<-0.085
1N5223C
2.7
20
<30
<1300
0.25
<75
1.0
<-0.080
1N5224C
2.8
20
<30
<1400
0.25
<75
1.0
<-0.080
1N5225C
3.0
20
<29
<1600
0.25
<50
1.0
<-0.075
1N5226C
3.3
20
<28
<1600
0.25
<25
1.0
<-0.070
1N5227C
3.6
20
<24
<1700
0.25
<15
1.0
<-0.065
1N5228C
3.9
20
<23
<1900
0.25
<10
1.0
<-0.060
1N5229C
4.3
20
<22
<2000
0.25
<5
1.0
<+0.055
1N5230C
4.7
20
<19
<1900
0.25
<5
2.0
<+0.030
1N5231C
5.1
20
<17
<1600
0.25
<5
2.0
<+0.030
1N5232C
5.6
20
<11
<1600
0.25
<5
3.0
<+0.038
1N5233C
6.0
20
<7
<1600
0.25
<5
3.5
<+0.038
1N5234C
6.2
20
<7
<1000
0.25
<5
4.0
<+0.045
1N5235C
6.8
20
<5
<750
0.25
<3
5.0
<+0.050
1N5236C
7.5
20
<6
<500
0.25
<3
6.0
<+0.058
1N5237C
8.2
20
<8
<500
0.25
<3
6.5
<+0.062
1N5238C
8.7
20
<8
<600
0.25
<3
6.5
<+0.065
1N5239C
9.1
20
<10
<600
0.25
<3
7.0
<+0.068
1N5240C
10
20
<17
<600
0.25
<3
8.0
<+0.075
1N5241C
11
20
<22
<600
0.25
<2
8.4
<+0.076
1N5242C
12
20
<30
<600
0.25
<1
9.1
<+0.077
1N5243C
13
9.5
<13
<600
0.25
<0.5
9.9
<+0.079
1N5244C
14
9.0
<15
<600
0.25
<0.1
10
<+0.082
1N5245C
15
8.5
<16
<600
0.25
<0.1
11
<+0.082
1N5246C
16
7.8
<17
<600
0.25
<0.1
12
<+0.083
1N5247C
17
7.4
<19
<600
0.25
<0.1
13
<+0.084
1N5248C
18
7.0
<21
<600
0.25
<0.1
14
<+0.085
1N5249C
19
6.6
<23
<600
0.25
<0.1
15
<+0.086
1N5250C
20
6.2
<25
<600
0.25
<0.1
16
<+0.086
1N5251C
22
5.6
<29
<600
0.25
<0.1
17
<+0.087
1N5252C
24
5.2
<33
<600
0.25
<0.1
18
<+0.088
1N5253C
25
5.0
<35
<600
0.25
<0.1
19
<+0.089
1N5254C
27
4.6
<41
<600
0.25
<0.1
21
<+0.090
1N5255C
28
4.5
<44
<600
0.25
<0.1
21
<+0.091
1N5256C
30
4.2
<49
<600
0.25
<0.1
23
<+0.091
1N5257C
33
3.8
<58
<700
0.25
<0.1
25
<+0.092
1N5258C
36
3.4
<70
<700
0.25
<0.1
27
<+0.093
1N5259C
39
3.2
<80
<800
0.25
<0.1
30
<+0.094
1N5260C
43
3.0
<93
<900
0.25
<0.1
33
<+0.095
1N5261C
47
2.7
<105
<1000
0.25
<0.1
36
<+0.095
1N5262C
51
2.5
<125
<1100
0.25
<0.1
39
<+0.096
1N5263C
56
2.2
<150
<1300
0.25
<0.1
43
<+0.096
1N5264C
60
2.1
<170
<1400
0.25
<0.1
46
<+0.097
1N5265C
62
2.0
<185
<1400
0.25
<0.1
47
<+0.097
1N5266C
68
1.8
<230
<1600
0.25
<0.1
52
<+0.097
1N5267C
75
1.7
<270
<1700
0.25
<0.1
58
<+0.098
1) Based on DC-measurement at thermal equilibrium while maintaining the lead temperature(TL)at 30℃,
9.5mm(3/8”) from the diode body.
1N5221C-1N5267C
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Número de pieza similar - 1N5228C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Surge Components
1N5228 SURGE-1N5228 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Daya Electric Group Co....
1N5228 DAYA-1N5228 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Yangzhou yangjie electr...
1N5228 YANGJIE-1N5228 Datasheet
197Kb / 4P
   Zener Diodes
logo
Seme LAB
1N5228 SEME-LAB-1N5228 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Jinan Jingheng (Group) ...
1N5228 JINANJINGHENG-1N5228 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Descripción similar - 1N5228C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com