Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2SC3052_15 Datasheet(Hoja de datos) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

No. de Pieza. 2SC3052_15
Descripción  TRANSISTOR (NPN)
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Página de inicio  http://www.wej.cn
Logo 

   
 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2. 80¡ À0. 05
1. 60¡ À0. 05
2SC3052
TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
0.15
W (Tamb=25
℃)
Collector current
ICM:
0.2
A
Collector-base voltage
V(BR)CBO:
50
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=100
µA, IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 100
µA, IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA, IC=0
6
V
Collector cut-off current
ICBO
VCB=50 V , IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 6V ,
IC=0
0.1
µA
hFE(1)
VCE=6V, IC=1mA
150
800
DC current gain
hFE(2)
VCE=6V, IC=0.1mA
50
Collector-emitter saturation voltage
VCE(sat)
IC=100 mA, IB=10mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB=10mA
1
V
Transition frequency
fT
VCE=6V, IC= 10mA
180
MHz
CLASSIFICATION OF hFE(1)
Marking
LE
LF
LG
Range
150-300
250-500
400-800
SOT-23-3L
1. BASE
2. EMITTER
3. COLLECTOR
2SC3052
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS




Html Pages

1 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl