Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KIA378R15PI Datasheet(PDF) 5 Page - KEC(Korea Electronics)

No. de pieza KIA378R15PI
Descripción Electrónicos  BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA378R15PI Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIA378R15PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA378R15PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA378R15PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA378R15PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA378R15PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA378R15PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA378R15PI Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2001. 6. 28
5/7
KIA378R05PI~KIA378R15PI
Revision No : 1
0
0
INPUT VOLTAGE V
(V)
IN
Fig.6-3 V
-V (KIA378R09)
510
15
5
10
R =
R =4.5
R =3
L
L
L
Fig.6-4 V
-V (KIA378R12)
INPUT VOLTAGE V
(V)
L
R =4
0
0
20
R =
L
R =6
L
IN
5
10152025
5
10
15
IN
IN
INPUT VOLTAGE V
(V)
0
0
5
101520
IN
25
Fig.6-5 V
-V (KIA378R15)
R =7.5
5
10
L
15
20
R =5
L
L
R =
IN
Fig.5-5 T - V (KIA378R15)
JUNCTION TEMPERATURE T ( C)
-150
-25
-200
025
50
j
I =1.5A
V
=21V
100
-50
-100
50
0
200
150
250
O
IN
o
100
j
75
125
R =
INPUT VOLTAGE V
(V)
1
0
0
3
2
5
4
2
L
R =2.5
L
4
L
R =1.7
IN
68
Fig.6-1 V
- V (KIA378R05)
7
6
8
IN
o
INPUT VOLTAGE V
(V)
0
0
5
510
IN
15
Fig.6-2 V
-V (KIA378R08)
10
IN
L
R =
R =2.7
L
10
R =4
L
o
o
o
o


Número de pieza similar - KIA378R15PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIA378R15PI KEC-KIA378R15PI Datasheet
932Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Descripción similar - KIA378R15PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIA378R25PI KEC-KIA378R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05API KEC-KIA78R05API Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25API KEC-KIA78R25API Datasheet
105Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA278R25PI KEC-KIA278R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA278R05PI KEC-KIA278R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05PI KEC-KIA78R05PI Datasheet
129Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78D25F KEC-KIA78D25F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78R05F KEC-KIA78R05F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25F KEC-KIA78R25F Datasheet
103Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Unisonic Technologies
378RXX UTC-378RXX Datasheet
225Kb / 8P
   4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com