Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KIA7806AP Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KIA7806AP
Descripción Electrónicos  THREE TERMINAL POSITIVE VOLTAGE REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7806AP Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA7806AP Datasheet HTML 1Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 2Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 3Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 4Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 5Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 6Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 7Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 8Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2010. 5. 19
1/20
SEMICONDUCTOR
TECHNICAL DATA
KIA7805AP~KIA7824AP
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 1
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V.
FEATURES
Internal Thermal Overload Protection.
Internal Short Circuit Current Limiting.
Output Current up to 1.5A.
Satisfies IEC-65 Specification. (International Electronical Commission).
Package is TO-220AB
DIM
MILLIMETERS
TO-220AB
1.46
A
B
C
D
E
F
G
H
J
K
M
N
O
0.8 0.1
+
_
2.8 0.1
+
_
2.54 0.2
+
_
1.27 0.1
+
_
1.4 0.1
+
_
13.08 0.3
+
_
3.6
0.2
+
_
+
_
9.9
0.2
+
_
9.2
0.2
+
_
4.5
0.2
+
_
2.4
0.2
15.95 MAX
1.3+0.1/-0.05
0.5+0.1/-0.05
3.7
1.5
A
F
B
J
G
K
M
L
L
E
I
I
O
C
H
NN
Q
D
Q
P
P
1
2
3
1. INPUT
3. OUTPUT
2. GND
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
KIA7805
KIA7815
VIN
35
V
KIA7818
KIA7824
40
Power Dissipation-1
(No Heatsink)
AP
PD2
1.9
W
Power Dissipation-2
(Infinite Heatsink)
AP
PD2
30
Operating Junction Temperature
Tj
-40
150
Storage Temperature
Tstg
-55
150
Maximum Junction Tamperature
Tj(max)
150
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA7805AP
5
V
KIA7806AP
6
KIA7807AP
7
KIA7808AP
8
KIA7809AP
9
KIA7810AP
10
KIA7812AP
12
KIA7815AP
15
KIA7818AP
18
KIA7820AP
20
KIA7824AP
24
LINE-UP


Número de pieza similar - KIA7806AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIA7806AP KEC-KIA7806AP Datasheet
150Kb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7806APC KEC-KIA7806APC Datasheet
456Kb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7806API KEC-KIA7806API Datasheet
1Mb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Descripción similar - KIA7806AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
   Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com