Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KIA78S15P Datasheet(PDF) 2 Page - KEC(Korea Electronics) |
|
KIA78S15P Datasheet(HTML) 2 Page - KEC(Korea Electronics) |
2 / 16 page 2011. 4. 5 2/16 KIA78S05P~KIA78S24P Revision No : 3 ELECTRICAL CHARACTERISTICS KIA78S05P (Unless otherwise specified, VIN=10V, IOUT=40mA, CIN=0.33μF, COUT=0.1μF, 0℃≦Tj≦125℃) CHARACTERISTIC SYMBOL TEST CIRCUIT TEST CONDITION MIN. TYP. MAX. UNIT Output Voltage VOUT 1 Tj=25℃ 4.8 5.0 5.2 V Input Regulation Reg line 1 Tj=25℃ 7.0V ≦VIN≦20V - 55 150 mV 8.0V ≦VIN≦20V - 45 100 Load Regulation Reg load 1 Tj=25℃ 1.0mA ≦IOUT≦100mA - 11 60 mV 1.0mA ≦IOUT≦40mA - 5.0 30 Output Voltage VOUT 1 7.0V ≦VIN≦20V 1.0mA ≦IOUT≦40mA 4.75 - 5.25 V VIN=10V, 1.0mA≦IOUT≦70mA 4.75 - 5.25 Quiescent Current IB 1 Tj=25℃ - 3.1 6.0 mA Tj=125℃ - - 5.5 Quiescent Current Change ΔIB 1 8.0V ≦VIN≦20V - - 1.5 mA 1.0mA ≦IOUT≦40mA - - 0.1 Output Noise Voltage VNO 1 Ta=25 ℃, 10Hz≦f≦100kHz - 40 - μVrms Long Term Stability ΔVOUT/Δt 1 - 12 - mV/ 1.0kHrs Ripple Rejection Ratio RR 2 f=120Hz, 8.0V ≦VIN≦18V, Tj=25℃ 41 49 - dB Dropout Voltage |VIN-VOUT| 1 Tj=25℃ - 1.7 - V Average Temperature Coefficient of Output Voltage TCVO 1 IOUT=5mA - -0.6 - mV/ ℃ |
Número de pieza similar - KIA78S15P |
|
Descripción similar - KIA78S15P |