Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM199 Datasheet(PDF) 4 Page - Linear Technology

No. de pieza LM199
Descripción Electrónicos  Precision Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LM199 Datasheet(HTML) 4 Page - Linear Technology

  LM199_15 Datasheet HTML 1Page - Linear Technology LM199_15 Datasheet HTML 2Page - Linear Technology LM199_15 Datasheet HTML 3Page - Linear Technology LM199_15 Datasheet HTML 4Page - Linear Technology LM199_15 Datasheet HTML 5Page - Linear Technology LM199_15 Datasheet HTML 6Page - Linear Technology LM199_15 Datasheet HTML 7Page - Linear Technology LM199_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM199/LM399
LM199A/LM399A
4
199399fc
For more information www.linear.com/LM399
Typical perForMance characTerisTics
Zener Noise Voltage
Response Time
Limiting Surge Current
FREQUENCY (Hz)
10
50
100
150
200
100
1k
10k
100k
LM199 G07
TJ = 25°C
STABILIZED
(TJ ≈ 90°C)
TIME (µs)
0
2
4
6
8
400
LM199 G08
0
10
1
3
5
7
20
0
100
200
300
TJ = 25°C
OUTPUT
INPUT
STABILIZED
(TJ ≈ 90°C)
INPUT
OUTPUT
7.5k
MINIMUM SUPPLY VOLTAGE (V)
0
400
600
40
LM199 G09
200
0
10
20
30
800
25°C (46mA)
5°C (60mA)
–15°C (71mA)
–35°C (87mA)
–55°C (105mA)
300
500
100
700
HEATER MUST BE BYPASSED WITH A 2µF OR LARGER
TANTALUM CAPACITOR IF RESISTORS ARE USED
Long-Term Reference
Performance, 44 Units Tested
Low Frequency Noise Voltage
MONTHS
2
0
2
4
6
8
10
12
4
6
8
10
LM199 G10
12
3 SIGMA
MEAN
TIME (SECONDS)
0
200
LM199 G11
50
100
150
250
Initial Heater Current
Heater Current
Heater Current
TURN ON TEMPERATURE (°C)
–55
0
50
150
200
250
–15
25 45
125
LM199 G04
100
–35
5
65 85 105
VH = 40V
TEMPERATURE (°C)
–55
40
60
105
LM199 G05
20
0
–15
25
65
–35
5
45
85
80
VH = 10V
VH = 20V
VH = 40V
VH = 30V
TIME (SECONDS)
0
160
140
120
100
80
60
40
20
0
16
LM199 G06
4
8
12 14
2
6
10
18
VH = 10V
VH = 20V
TA = 25°C
VH = 30V
VH = 40V


Número de pieza similar - LM199_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LM199 LINER-LM199_1 Datasheet
141Kb / 8P
   Precision Reference
More results

Descripción similar - LM199_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com