Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4004D Datasheet(PDF) 1 Page - Compact Technology Corp.

No. de pieza 1N4004D
Descripción Electrónicos  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CTC [Compact Technology Corp.]
Página de inicio  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

1N4004D Datasheet(HTML) 1 Page - Compact Technology Corp.

  1N4004D Datasheet HTML 1Page - Compact Technology Corp. 1N4004D Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Thermal Resistance Junction to Ambient.
VRMS
VDC
VRRM
I(AV)
3.Thermal Resistance Junction to Case at 9.5mm Lead Length.PCB Mounted JEDEC Registered Value.
PLASTIC SILICON RECTIFIERS
FEATURES
Low cost
Diffused junction
Low forward voltage drop
Low reverse leakage current
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case : JEDEC DO-41 molded plastic
Polarity : Color band denotes cathode
Weight : 0.012 ounces, 0.34 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
1N4003
D
200
140
200
1N4001
D
50
35
50
1N4007
D
1000
700
1000
1N4002
D
100
70
100
1N4006
D
800
560
800
1N4005
D
600
420
600
1N4004
D
400
280
400
Maximum Average Forward
Rectified Current
@TA
=75 C
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
1.0
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +1
50
C
Typical Thermal Resistance (Note 2)
R0JA
35
C/W
CJ
Typical Junction
Capacitance (Note 1)
15
pF
IR
@TJ=100 C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=25 C
5
50
uA
VF
Maximum forward Voltage at 1.0A DC
1.1
V
IFSM
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC Method)
30
A
A
V
UNIT
V
V
All Dimensions in millimeter
Max.
Min.
DO-41
Dim.
A
D
C
B
25.4
5.20
-
4.20
0.70
2.00
2.70
0.90
DO-41
A
C
D
A
B
CHARACTERISTICS
SYMBOL
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Ampere
1N4001D thru 1N4007D
1 of 2
1N4001
D thru 1N4007D


Número de pieza similar - 1N4004D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N4004 PANJIT-1N4004 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
WILLAS ELECTRONIC CORP
1N4004 WILLAS-1N4004 Datasheet
262Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
DACO SEMICONDUCTOR CO.,...
1N4004 DACO-1N4004 Datasheet
740Kb / 2P
   SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4004 TSC-1N4004 Datasheet
236Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Rugao Dachang Electroni...
1N4004 DACHANG-1N4004 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
More results

Descripción similar - 1N4004D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com