Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KIC7WZ14FK Datasheet(PDF) 4 Page - KEC(Korea Electronics)

No. de pieza KIC7WZ14FK
Descripción Electrónicos  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7WZ14FK Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIC7WZ14FK Datasheet HTML 1Page - KEC(Korea Electronics) KIC7WZ14FK Datasheet HTML 2Page - KEC(Korea Electronics) KIC7WZ14FK Datasheet HTML 3Page - KEC(Korea Electronics) KIC7WZ14FK Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2003. 3. 11
4/4
KIC7WZ14FK
Revision No : 1
Note : CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption
(ICCD) at no output loading and operating at 50% duty cycle. (See Figure2.) CPD is related to ICCD dynamic operating current
by the expression : ICC(opr)=CPD VCC fIN+(ICCstatic)
ELECTRICAL CHARACTERISTICS
AC Characteristics
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25
Ta=-40~85
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
Propagation Delay
tPLH
tPHL
CL=15pF, RL=1M
1.65
2.5
7.6
13.1
2.5
14.5
ns
1.8
2.5
6.3
10.9
2.5
12
2.5 0.2
1.8
4.3
7.4
1.8
8.1
3.3 0.3
1.5
3.3
5.0
1.5
5.5
5.0 0.5
1.0
2.7
4.1
1.0
4.5
Propagation Delay
tPLH
tPHL
CL=50pF, RL=500
3.3 0.3
1.8
4.0
6.0
1.8
6.6
ns
5.0 0.5
1.2
3.2
4.9
1.2
5.4
Input Capacitance
CIN
-
0
-
2.5
-
-
-
pF
Power Dissipation
Capacitance
CPD
(Note)
3.3
-
11
-
-
-
pF
5.5
-
12.5
-
-
-
OUTPUT
INPUT
INPUT
CCD
L
w
L
C
L
R
CC
V
CC
V
t =3ns
t =3ns
90%
50%
10%
VCC
GND
tPLH
t w
tPHL
INPUT
OUTPUT
r
f
OH
V
VOL
50%
50%
A
C includes load and stray capacitance
FIGURE 1. AC Test Circuit
FIGURE 3. AC Waveforms
Input PRR=1.0MHz ; t =500ns
r
f
Input=AC Waveform ; t =t =1.8ns
FIGURE 2. I
Test Circuit
PRR=variable ; Duty Cycle=50%
AC Loading and Waveforms


Número de pieza similar - KIC7WZ14FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIC7WZ125 KEC-KIC7WZ125 Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
More results

Descripción similar - KIC7WZ14FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIC7SZ14FU KEC-KIC7SZ14FU Datasheet
526Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC714FK KEC-KIC714FK Datasheet
250Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7S14FU KEC-KIC7S14FU Datasheet
241Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
logo
Toshiba Semiconductor
TC7WZ14FU TOSHIBA-TC7WZ14FU Datasheet
167Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WG14FC TOSHIBA-TC7WG14FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WH14FU TOSHIBA-TC7WH14FU_07 Datasheet
200Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WG14FU TOSHIBA-TC7WG14FU Datasheet
188Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC74AC14F TOSHIBA-TC74AC14F_07 Datasheet
264Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74ACT14F TOSHIBA-TC74ACT14F_07 Datasheet
262Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74HC14AP TOSHIBA-TC74HC14AP_07 Datasheet
268Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com