Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KIC7WZU04FK Datasheet(PDF) 3 Page - KEC(Korea Electronics)

No. de pieza KIC7WZU04FK
Descripción Electrónicos  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7WZU04FK Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIC7WZU04FK Datasheet HTML 1Page - KEC(Korea Electronics) KIC7WZU04FK Datasheet HTML 2Page - KEC(Korea Electronics) KIC7WZU04FK Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 5. 13
3/3
KIC7WZU04FK
Revision No : 0
OUTPUT
INPUT
INPUT
CCD
L
w
L
C
L
R
CC
V
CC
V
t =3ns
t =3ns
90%
50%
10%
VCC
GND
tPLH
t w
tPHL
INPUT
OUTPUT
r
f
OH
V
VOL
50%
50%
A
C includes load and stray capacitance
FIGURE 1. AC Test Circuit
FIGURE 3. AC Waveforms
Input PRR=1.0MHz ; t =500ns
r f
Input=AC Waveform ; t =t =1.8ns
FIGURE 2. I
Test Circuit
PRR=variable ; Duty Cycle=50%
AC Characteristics
AC Loading and Waveforms
Note : CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current
consumption (ICCD) at no output loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic
operating current by the exprssion : ICCD=CPD・VCC・fIN+ICC
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25℃
Ta=-40~85℃
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
Propagation Delay
(Figures 1,3)
tPLH
tPHL
CL=15pF, RL=1MΩ
1.65
1.5
5.5
9.8
1.5
11.0
ns
1.8
1.5
4.6
8.1
1.5
8.9
2.5±0.2
1.2
3.3
5.7
1.2
6.3
3.3±0.3
0.8
2.7
4.1
0.8
4.5
5.0±0.5
0.5
2.2
3.3
0.5
3.6
tPLH
tPHL
CL=50pF, RL=500Ω
3.3±0.3
1.2
4.0
6.4
1.2
7.0
ns
5.0±0.5
0.8
3.4
5.6
0.8
6.2
Input Capacitance
CIN
0
-
3
-
-
-
pF
Power Dissipation
Capacitance (Figure 2)
CPD
(Note)
3.3
-
3.5
-
-
-
pF
5.0
-
5.5
-
-
-


Número de pieza similar - KIC7WZU04FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ08FK KEC-KIC7WZ08FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
More results

Descripción similar - KIC7WZU04FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WG04FU TOSHIBA-TC7WG04FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WHU04FU TOSHIBA-TC7WHU04FU_01 Datasheet
228Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC TRIPLE INVERTER
TC7WG04FC TOSHIBA-TC7WG04FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH04FU TOSHIBA-TC7WH04FU_07 Datasheet
190Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
logo
KEC(Korea Electronics)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WH04FC TOSHIBA-TC7WH04FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH34FU TOSHIBA-TC7WH34FU_07 Datasheet
207Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
TC7WZ14FU TOSHIBA-TC7WZ14FU Datasheet
167Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WG14FC TOSHIBA-TC7WG14FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com