Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2SC5336 Datasheet(PDF) 6 Page - Renesas Technology Corp

No. de Pieza. 2SC5336
Descripción  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo 

2SC5336 Datasheet(HTML) 6 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet P10938EJ2V0DS
4
2SC5336
–90
–100
–80
–70
–60
–40
–50
–30
20
30
40
50
60
70
Collector Current IC (mA)
IM3, IM2 vs. COLLECTOR CURRENT
IM2
IM3
VCE = 10 V,
Vin = 100 dB V/50
Rg = Re = 50
IM2 : f = 90 + 100 MHz
IM3 : f = 2 × 200 – 190 MHz
µ
7
6
5
4
3
2
1
0
0.5
1
5
10
50
Collector Current IC (mA)
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1 GHz
Remark The graphs indicate nominal characteristics.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn