Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KRA722T Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KRA722T
Descripción Electrónicos  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA722T Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KRA722T Datasheet HTML 1Page - KEC(Korea Electronics) KRA722T Datasheet HTML 2Page - KEC(Korea Electronics) KRA722T Datasheet HTML 3Page - KEC(Korea Electronics) KRA722T Datasheet HTML 4Page - KEC(Korea Electronics) KRA722T Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2002. 7. 9
1/5
SEMICONDUCTOR
TECHNICAL DATA
KRA721T~KRA726T
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 2
HIGH CURRENT SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPPLICATION.
FEATURES
With Built-in Bias Resistors.
Simplify Circuit Design.
Reduce a Quantity of Parts and Manufacturing Process.
High Output Current : -800mA.
DIM MILLIMETERS
A
B
D
E
TS6
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
K
K
B
E
H
J
J
2
3
5
16
4
+_
+_
+_
+_
+_
1. Q COMMON (EMITTER)
4. Q COMMON (EMITTER)
3. Q OUT (COLLECTOR)
5. Q IN (BASE)
6. Q OUT (COLLECTOR)
1
2
2. Q IN (BASE)
1
1
2
2
MAXIMUM RATING (Ta=25
)
TYPE NO.
R1 (k
)
R2 (k
)
KRA721T
1
1
KRA722T
2.2
2.2
KRA723T
4.7
4.7
KRA724T
10
10
KRA725T
1
10
KRA726T
2.2
10
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
KRA721T~726T
VO
-50
V
Input Voltage
KRA721T
VI
-10, 10
V
KRA722T
-12, 10
KRA723T
-20, 10
KRA724T
-30, 10
KRA725T
-10, 5
KRA726T
-12, 6
Output Current
KRA721T~726T
IO
-800
mA
Power Dissipation
PD *
0.9
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
TYPE
KRA721T
KRA722T
KRA723T
KRA724T
KRA725T
KRA726T
MARK
PA
PB
PC
PD
PE
PF
R1
R2
COMMON(+)
OUT
IN
EQUIVALENT CIRCUIT
* Package mounted on a ceramic board (600
0.8
)
MARK SPEC
Type Name
Marking
Lot No.
12
3
65
4
1
Q1
23
65
4
Q2
EQUIVALENT CIRCUIT (TOP VIEW)


Número de pieza similar - KRA722T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KRA722E KEC-KRA722E Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA722U KEC-KRA722U Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Descripción similar - KRA722T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KRA221S KEC-KRA221S Datasheet
573Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA221M KEC-KRA221M Datasheet
742Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA560U KEC-KRA560U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com