Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KRC826U Datasheet(PDF) 5 Page - KEC(Korea Electronics)

No. de pieza KRC826U
Descripción Electrónicos  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC826U Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KRC826U Datasheet HTML 1Page - KEC(Korea Electronics) KRC826U Datasheet HTML 2Page - KEC(Korea Electronics) KRC826U Datasheet HTML 3Page - KEC(Korea Electronics) KRC826U Datasheet HTML 4Page - KEC(Korea Electronics) KRC826U Datasheet HTML 5Page - KEC(Korea Electronics) KRC826U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2002. 1. 24
5/6
KRC821U~KRC826U
Revision No : 1
I
- V
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
0.6
30
O
I(OFF)
I
- V
O
I(OFF)
I
- V
O
I(OFF)
I
- V
O
I(OFF)
I
- V
O
I(OFF)
I
- V
O
I(OFF)
0.8
1.0
1.2
1.4
1.6
1.8
2.0
50
100
300
500
1k
3k
5k
10k
KRC821U
V =5V
O
O
V =5V
KRC822U
10k
5k
3k
1k
500
300
100
50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
30
0.6
O
V =5V
KRC823U
10k
5k
3k
1k
500
300
100
50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
30
0.6
O
V =5V
KRC825U
10k
5k
3k
1k
500
300
100
50
1.4
1.2
1.0
0.8
0.6
0.4
0.2
30
0
30
50
100
300
500
1k
3k
5k
10k
KRC826U
V =5V
O
30
0.8
1.0
1.2
1.4
1.6
1.8
2.0
50
100
300
500
1k
3k
5k
10k
KRC824U
V =5V
O
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4


Número de pieza similar - KRC826U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KRC826E KEC-KRC826E Datasheet
113Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Descripción similar - KRC826U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KRC851U KEC-KRC851U Datasheet
114Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860E KEC-KRC860E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860U KEC-KRC860U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC866U KEC-KRC866U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC830E KEC-KRC830E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC836E KEC-KRC836E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC401 KEC-KRC401 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC657U KEC-KRC657U Datasheet
89Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC666E KEC-KRC666E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KTD2092 KEC-KTD2092 Datasheet
398Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC660E KEC-KRC660E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com