Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LDTD123ELT1G Datasheet(PDF) 2 Page - Leshan Radio Company

No. de pieza LDTD123ELT1G
Descripción Electrónicos  Bias Resistor Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTD123ELT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LDTD123ELT1G_15 Datasheet HTML 1Page - Leshan Radio Company LDTD123ELT1G_15 Datasheet HTML 2Page - Leshan Radio Company LDTD123ELT1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
Electrical characteristic curves
LDTD123ELT1G
VO
=0.3V
500
µ 1m
2m
5m 10m 20m
50m 100m 200m 500m
2
1
500m
200m
100m
100
50
20
10
5
OUTPUT CURRENT : IO
(A)
25 C
100 C
Ta
= −40 C
Fig.1 Input voltage vs. output current
(ON characteristics)
VCC
=5V
0.5
1.0
1.5
2.0
2.5
3.0
0
10m
5m
2m
1m
500
µ
200
µ
100
µ
50
µ
20
µ
10
µ
5
µ
1
µ
2
µ
INPUT VOLTAGE : VI(off)
(V)
Ta
=100 C
25 C
−40 C
Fig.2 Output current vs. input voltage
(OFF characteristics)
VO
=5V
1k
500
200
100
50
20
10
5
2
1
1m
2m
5m 10m 20m
50m
500m
100m 200m
500
µ
OUTPUT CURRENT : IO
(A)
Ta
=100 C
25 C
−40 C
Fig.3 DC current gain
vs. output current
OUTPUT CURRENT : IO
(A)
lO/lI
=20
500
µ 1m
2m
5m 10m 20m
50m
500m
100m 200m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
25 C
−40 C
Ta
=100 C
Fig.4 Output voltage vs. output current
Rev.O 2/3
;S-LDTD123ELT1G


Número de pieza similar - LDTD123ELT1G_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LDTD123ELT1G LRC-LDTD123ELT1G Datasheet
389Kb / 6P
   Digital transistors
More results

Descripción similar - LDTD123ELT1G_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com