Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMUN2110LT1G Datasheet(PDF) 3 Page - Leshan Radio Company

No. de pieza LMUN2110LT1G
Descripción Electrónicos  PNP Silicon Surface Mount Transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2110LT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMUN2110LT1G_15 Datasheet HTML 1Page - Leshan Radio Company LMUN2110LT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMUN2110LT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMUN2110LT1G_15 Datasheet HTML 4Page - Leshan Radio Company LMUN2110LT1G_15 Datasheet HTML 5Page - Leshan Radio Company LMUN2110LT1G_15 Datasheet HTML 6Page - Leshan Radio Company LMUN2110LT1G_15 Datasheet HTML 7Page - Leshan Radio Company LMUN2110LT1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN2110LT1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LMUN2110LT1G Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
DC Current Gain
(V
CE = 10 V, IC = 5.0 mA )
hFE
35
60
80
80
80
160
160
3.0
8.0
15
80
80
60
100
140
140
140
250
250
5.0
15
27
140
130
Collector-Emitter Saturation Voltage
(IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA) LMUN2130LT1G/LMUN2131LT1G
(IC = 10 mA, IB = 1 mA) LMUN2115LT1G/LMUN2116LT1G/
LMUN2132LT1G/LMUN2133LT1G/
VCE(sat)
-
-
0.25
Vdc
ON CHARACTERISTICS (Note 5.)
LESHAN RADIO COMPANY, LTD.
LMUN2111LT1G
LMUN2112LT1G
LMUN2113LT1G
LMUN2114LT1G
LMUN2115LT1G
LMUN2116LT1G
LMUN2130LT1G
LMUN2131LT1G
LMUN2132LT1G
LMUN2133LT1G
LMUN2110LT1G
LMUN2134LT1G
ICBO
-
-
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
-
-
500
nAdc
Emitter-Base Cutoff Current
LMUN2111LT1G
(V EB = 6.0 V, IC = 0)
LMUN2112LT1G
LMUN2113LT1G
LMUN2114LT1G
LMUN2115LT1G
LMUN2116LT1G
LMUN2130LT1G
LMUN2131LT1G
LMUN2132LT1G
LMUN2133LT1G
LMUN2110LT1G
LMUN2134LT1G
I
EBO
0.5
0.1
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
mAdc
Collector-Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
-
-
Vdc
Collector-Emitter Breakdown Voltage (Note 4.)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
-
-
Vdc
4. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
LMUN2136LT1G
0.05
LMUN2137LT1G
0.13
LMUN2138LT1G
4.0
80
150
LMUN2136LT1G
80
140
LMUN2137LT1G
120
250
LMUN2140LT1G
LMUN2134LT1G/LMUN2138LTG/LMUN2140LT1G
LMUN2140LT1G
0.2
160
350
LMUN2138LT1G
Rev.O 3/16
S-LMUN2110LT1G Series


Número de pieza similar - LMUN2110LT1G_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMUN2110LT1G LRC-LMUN2110LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
LMUN2110LT1G LRC-LMUN2110LT1G Datasheet
169Kb / 9P
   Bias Resistor Transistor
logo
Shanghai Leiditech Elec...
LMUN2110LT1G LEIDITECH-LMUN2110LT1G Datasheet
644Kb / 8P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com