Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMUN2213LT1G Datasheet(PDF) 6 Page - Leshan Radio Company

No. de pieza LMUN2213LT1G
Descripción Electrónicos  Bias Resistor Transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2213LT1G Datasheet(HTML) 6 Page - Leshan Radio Company

Back Button LMUN2213LT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMUN2213LT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMUN2213LT1G_15 Datasheet HTML 4Page - Leshan Radio Company LMUN2213LT1G_15 Datasheet HTML 5Page - Leshan Radio Company LMUN2213LT1G_15 Datasheet HTML 6Page - Leshan Radio Company LMUN2213LT1G_15 Datasheet HTML 7Page - Leshan Radio Company LMUN2213LT1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN2213LT1G_15 Datasheet HTML 9Page - Leshan Radio Company LMUN2213LT1G_15 Datasheet HTML 10Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LMUN2211LT1G Series
TYPICAL ELECTRICAL CHARACTERISTICS
LMUN2213LT1G
Figure 12. VCE(sat) vs. IC
0
204060
80
10
1
0.1
0.01
IC, COLLECTOR CURRENT (mA)
IC/IB = 10
TA = –25°C
75
°C
25
°C
Figure 13. DC Current Gain
1000
10
IC, COLLECTOR CURRENT (mA)
100
10
1
100
VCE = 10 V
TA = 75°C
–25
°C
25
°C
Figure 14. Output Capacitance
50
010
20
30
40
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
f = 1 MHz
lE = 0 A
TA = 25°C
02
4
6
8
10
100
10
1
0.1
0.01
0.001
Vin, INPUT VOLTAGE (VOLTS)
Figure 15. Output Current vs. Input Voltage
VO = 5 V
TA = –25°C
75
°C
25
°C
TA = –25°C
75
°C
25
°C
100
10
1
0.1
010
20
30
40
50
IC, COLLECTOR CURRENT (mA)
Figure 16. Input Voltage vs. Output Current
VO = 0.2 V
75°C
TA = –25°C
25
°C
LESHAN RADIO COMPANY, LTD.
6/16


Número de pieza similar - LMUN2213LT1G_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMUN2213LT1G LRC-LMUN2213LT1G Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
LMUN2213LT1G LRC-LMUN2213LT1G Datasheet
189Kb / 16P
   Bias Resistor Transistor
logo
Shanghai Leiditech Elec...
LMUN2213LT1G LEIDITECH-LMUN2213LT1G Datasheet
1Mb / 16P
   NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
More results

Descripción similar - LMUN2213LT1G_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com