Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMUN2233LT1G Datasheet(PDF) 3 Page - Leshan Radio Company

No. de pieza LMUN2233LT1G
Descripción Electrónicos  Bias Resistor Transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2233LT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMUN2233LT1G_15 Datasheet HTML 1Page - Leshan Radio Company LMUN2233LT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMUN2233LT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMUN2233LT1G_15 Datasheet HTML 4Page - Leshan Radio Company LMUN2233LT1G_15 Datasheet HTML 5Page - Leshan Radio Company LMUN2233LT1G_15 Datasheet HTML 6Page - Leshan Radio Company LMUN2233LT1G_15 Datasheet HTML 7Page - Leshan Radio Company LMUN2233LT1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN2233LT1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LMUN2211LT1G Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 3.)
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 k Ω)
LMUN2211LT1G
LMUN2212LT1G
LMUN2214LT1G
LMUN2215LT1G
LMUN2216LT1G
LMUN2230LT1G
LMUN2231LT1G
LMUN2232LT1G
LMUN2233LT1G
LMUN2234LT1G
LMUN2235LT1G
LMUN2238LT1G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 k Ω)
LMUN2213LT1G
(VCC = 5.0 V, VB = 5.0 V, RL = 1.0 k Ω)
LMUN2241LT1G
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 k Ω)
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 k Ω )
LMUN2230LT1G
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 k Ω )
LMUN2215LT1G
LMUN2216LT1G
LMUN2233LT1G
LMUN2238LT1G
VOH
4.9
Vdc
Input Resistor
LMUN2211LT1G
LMUN2212LT1G
LMUN2213LT1G
LMUN2214LT1G
LMUN2215LT1G
LMUN2216LT1G
LMUN2230LT1G
LMUN2231LT1G
LMUN2232LT1G
LMUN2233LT1G
LMUN2234LT1G
LMUN2235LT1G
LMUN2238LT1G
LMUN2241LT1G
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
1.54
70
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
2.2
100
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
2.88
130
k
Resistor Ratio
LMUN2211LT1/LMUN2212LT1/LMUN2213LT1G
LMUN2214LT1G
LMUN2215LT1/LMUN2216LT1/LMUN2238LT1G
LMUN2241LT1G
LMUN2230LT1/LMUN2231LT1/LMUN2232LT1G
LMUN2233LT1G
LMUN2234LT1G
LMUN2235LT1G
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.0
0.21
1.0
0.1
0.47
0.047
1.2
0.25
1.2
0.185
0.56
0.056
3. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.
LESHAN RADIO COMPANY, LTD.
3/16


Número de pieza similar - LMUN2233LT1G_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMUN2233LT1G LRC-LMUN2233LT1G Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
LMUN2233LT1G LRC-LMUN2233LT1G Datasheet
189Kb / 16P
   Bias Resistor Transistor
logo
Shanghai Leiditech Elec...
LMUN2233LT1G LEIDITECH-LMUN2233LT1G Datasheet
1Mb / 16P
   NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
More results

Descripción similar - LMUN2233LT1G_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com