Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMUN5211T1G Datasheet(PDF) 4 Page - Leshan Radio Company

No. de pieza LMUN5211T1G
Descripción Electrónicos  Bias Resistor Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5211T1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMUN5211T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMUN5211T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMUN5211T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMUN5211T1G_15 Datasheet HTML 4Page - Leshan Radio Company LMUN5211T1G_15 Datasheet HTML 5Page - Leshan Radio Company LMUN5211T1G_15 Datasheet HTML 6Page - Leshan Radio Company LMUN5211T1G_15 Datasheet HTML 7Page - Leshan Radio Company LMUN5211T1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN5211T1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 5.) (Continued)
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kΩ)
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kΩ)
LMUN5230T1G
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kΩ)
LMUN5215T1G
LMUN5216T1G
LMUN5233T1G
VOH
4.9
Vdc
Input Resistor
LMUN5211T1G
LMUN5212T1G
LMUN5213T1G
LMUN5214T1G
LMUN5215T1G
LMUN5216T1G
LMUN5230T1G
LMUN5231T1G
LMUN5232T1G
LMUN5233T1G
LMUN5234T1G
LMUN5235T1G
LMUN5236T1G
LMUN5237T1G
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
130
61.1
k
Resistor Rati
LMUN5211T1G/LMUN5212T1G/LMUN5213T1G/
LMUN5236T1G
LMUN5214T1G
LMUN5215T1G/LMUN5216T1G
LMUN5230T1G/LMUN5231T1G/LMUN5232T1G
LMUN5233T1G
LMUN5234T1G
LMUN5235T1G
LMUN5237T1G
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.7
1.0
0.21
1.0
0.1
0.47
0.047
2.1
1.2
0.25
1.2
0.185
0.56
0.056
2.6
5. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
Figure 1. Derating Curve
350
200
150
100
50
0
–50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RθJA = 403°C/W
250
300
LESHAN RADIO COMPANY, LTD.
Rev.O 4/10
LMUN5211T1G Series ;S-LMUN5211T1G Series


Número de pieza similar - LMUN5211T1G_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMUN5211T1G LRC-LMUN5211T1G Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
More results

Descripción similar - LMUN5211T1G_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com