Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMUN5214DW1T1G Datasheet(PDF) 10 Page - Leshan Radio Company

No. de pieza LMUN5214DW1T1G
Descripción Electrónicos  Dual Bias ResistorTransistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5214DW1T1G Datasheet(HTML) 10 Page - Leshan Radio Company

Back Button LMUN5214DW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMUN5214DW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMUN5214DW1T1G_15 Datasheet HTML 4Page - Leshan Radio Company LMUN5214DW1T1G_15 Datasheet HTML 5Page - Leshan Radio Company LMUN5214DW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company LMUN5214DW1T1G_15 Datasheet HTML 7Page - Leshan Radio Company LMUN5214DW1T1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN5214DW1T1G_15 Datasheet HTML 9Page - Leshan Radio Company LMUN5214DW1T1G_15 Datasheet HTML 10Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.071
0.087
1.80
2.20
B
0.045
0.053
1.15
1.35
C
0.031
0.043
0.80
1.10
D
0.004
0.012
0.10
0.30
G
0.026 BSC
0.65 BSC
H
---
0.004
---
0.10
J
0.004
0.010
0.10
0.25
K
0.004
0.012
0.10
0.30
N
0.008 REF
0.20 REF
S
0.079
0.087
2.00
2.20
PIN 1. EMITTER 2
2. BASE 2
3. COLLECTOR 1
4.EMITTER 1
5. BASE 1
6.COLLECTOR 2
B
0.2 (0.008)
A
G
S
H
C
N
J
K
D6PL
6
5
4
1
2
3
- B -
M
M
0.5 mm (min)
1.9 mm
SC-88/SOT-363
LMUN5211DW1T1G Series
10/10


Número de pieza similar - LMUN5214DW1T1G_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMUN5214DW1T1G LRC-LMUN5214DW1T1G Datasheet
169Kb / 10P
   Dual Bias ResistorTransistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

Descripción similar - LMUN5214DW1T1G_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMUN5233DW1T1G LRC-LMUN5233DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5232DW1T1G LRC-LMUN5232DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5234DW1T1G LRC-LMUN5234DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5211DW1T1G LRC-LMUN5211DW1T1G_15 Datasheet
228Kb / 10P
   Dual Bias ResistorTransistors
LMUN5236DW1T1G LRC-LMUN5236DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5237DW1T1G LRC-LMUN5237DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5212DW1T1G LRC-LMUN5212DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
logo
E-Tech Electronics LTD
MUN5211W ETL-MUN5211W Datasheet
501Kb / 8P
   Dual Bias ResistorTransistors
logo
Yea Shin Technology Co....
MUN5211DW YEASHIN-MUN5211DW Datasheet
994Kb / 10P
   Dual Bias ResistorTransistors
logo
Leshan Radio Company
LMUN5213DW1T1G LRC-LMUN5213DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com