Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS3H10 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SS3H10
Descripción Electrónicos  High Voltage Surface Mount Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS3H10 Datasheet(HTML) 3 Page - Vishay Siliconix

  SS3H10 Datasheet HTML 1Page - Vishay Siliconix SS3H10 Datasheet HTML 2Page - Vishay Siliconix SS3H10 Datasheet HTML 3Page - Vishay Siliconix SS3H10 Datasheet HTML 4Page - Vishay Siliconix SS3H10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS3H9, SS3H10
www.vishay.com
Vishay General Semiconductor
Revision: 28-Apr-14
3
Document Number: 88752
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
10 000
1000
100
10
1
0.1
0.01
T
J = 150 °C
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
0.1
1
10
100
Reverse Voltage (V)
1000
100
10
1
10
100
0.01
0.1
1
10
100
t - Pulse Duration (s)
Cathode Band
DO-214AB (SMC)
0.126 (3.20)
0.114 (2.90)
0.246 (6.22)
0.220 (5.59)
0.280 (7.11)
0.260 (6.60)
0.012 (0.305)
0.006 (0.152)
0.008 (0.2)
0 (0)
0.320 (8.13)
0.305 (7.75)
0.060 (1.52)
0.030 (0.76)
0.103 (2.62)
0.079 (2.06)
Mounting Pad Layout
0.126 (3.20) MIN.
0.060 (1.52) MIN.
0.185 (4.69) MAX.
0.320 (8.13) REF.


Número de pieza similar - SS3H10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SS3H10 VISHAY-SS3H10 Datasheet
74Kb / 2P
   High Voltage Surface Mount Schottky Barrier Rectifiers
18-Aug-04
SS3H10 VISHAY-SS3H10 Datasheet
95Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
SS3H10 VISHAY-SS3H10 Datasheet
97Kb / 5P
   High Voltage Surface-Mount Schottky Rectifier
01-Jan-2022
SS3H10-E3 VISHAY-SS3H10-E3 Datasheet
87Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 17-Dec-12
logo
Infineon Technologies A...
SS3H10-E3/9AT INFINEON-SS3H10-E3/9AT Datasheet
1Mb / 36P
   iMOTION™ modular application design kit
Revision 1.1 2020-09-29
More results

Descripción similar - SS3H10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SS3H9 VISHAY-SS3H9_08 Datasheet
95Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
SS29-E3 VISHAY-SS29-E3 Datasheet
90Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 27-Mar-12
SS1H9 VISHAY-SS1H9_15 Datasheet
85Kb / 5P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 28-Apr-14
SS29 VISHAY-SS29_V01 Datasheet
101Kb / 5P
   High Voltage Surface-Mount Schottky Rectifier
01-Jan-2022
SS2H9 VISHAY-SS2H9_08 Datasheet
93Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2H9 VISHAY-SS2H9_15 Datasheet
82Kb / 5P
   High Voltage Surface Mount Schottky Rectifier
Revision: 16-Jan-14
SS3H10-E3 VISHAY-SS3H10-E3 Datasheet
87Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 17-Dec-12
SS1H9 VISHAY-SS1H9_V01 Datasheet
97Kb / 5P
   High-Voltage Surface-Mount Schottky Rectifier
01-Jan-2022
SS2H9 VISHAY-SS2H9 Datasheet
270Kb / 3P
   High-Voltage Surface Mount Schottky Rectifier
28-Jun-05
SS1H9-E3 VISHAY-SS1H9-E3 Datasheet
86Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 14-Dec-12
SS1H9 VISHAY-SS1H9_08 Datasheet
93Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com