Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KTD2058 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KTD2058
Descripción Electrónicos  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD2058 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTD2058 Datasheet HTML 1Page - KEC(Korea Electronics) KTD2058 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Número de pieza similar - KTD2058

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
KTD2058 ISC-KTD2058 Datasheet
150Kb / 2P
   isc Silicon NPN Power Transistor
logo
Foshan Blue Rocket Elec...
KTD2058 FOSHAN-KTD2058 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
logo
Jiangsu Changjiang Elec...
KTD2058 JIANGSU-KTD2058 Datasheet
894Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
KTD2058 SECOS-KTD2058 Datasheet
247Kb / 2P
   3A, 60V P Plastic-Encapsulated Transistor
logo
SHENZHEN KOO CHIN ELECT...
KTD2058 KOOCHIN-KTD2058 Datasheet
227Kb / 2P
   TRANSISTOR (NPN)
More results

Descripción similar - KTD2058

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com