Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703039 Datasheet(PDF) 8 Page - NEC

No. de Pieza. UPD703039
Descripción  V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703039 Datasheet(HTML) 8 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Preliminary Data Sheet U13953EJ1V0DS00
µµµµPD703039, 703039Y, 703040, 703040Y, 703041, 703041Y
(2/4)
Pin Name
I/O
PULL
Function
Alternate Function
P45
AD5
P46
AD6
P47
I/O
No
Port 4
8-bit I/O port
Input/output mode can be specified in 1-bit units.
AD7
P50
AD8
P51
AD9
P52
AD10
P53
AD11
P54
AD12
P55
AD13
P56
AD14
P57
I/O
No
Port 5
8-bit I/O port
Input/output mode can be specified in 1-bit units.
AD15
P60
A16
P61
A17
P62
A18
P63
A19
P64
A20
P65
I/O
No
Port 6
6-bit I/O port
Input/output mode can be specified in 1-bit units.
A21
P70
ANI0
P71
ANI1
P72
ANI2
P73
ANI3
P74
ANI4
P75
ANI5
P76
ANI6
P77
Input
No
Port 7
8-bit input port
ANI7
P80
ANI8
P81
ANI9
P82
ANI10
P83
ANI11
P84
ANI12
P85
ANI13
P86
ANI14
P87
Input
No
Port 8
8-bit input port
ANI15
P90
LBEN/WRL
P91
UBEN
P92
R/W/WRH
P93
I/O
No
Port 9
7-bit I/O port
Input/output mode can be specified in 1-bit units.
DSTB/RD
Remark
PULL: on-chip pull-up resistor


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn