Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703039 Datasheet(PDF) 9 Page - NEC

No. de Pieza. UPD703039
Descripción  V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703039 Datasheet(HTML) 9 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Preliminary Data Sheet U13953EJ1V0DS00
9
µµµµPD703039, 703039Y, 703040, 703040Y, 703041, 703041Y
(3/4)
Pin Name
I/O
PULL
Function
Alternate Function
P94
ASTB
P95
HLDAK
P96
I/O
No
Port 9
7-bit I/O port
Input/output mode can be specified in 1-bit units.
HLDRQ
P100
RTP00
P101
RTP01
P102
RTP02
P103
RTP03
P104
RTP04
P105
RTP05
P106
RTP06
P107
I/O
Yes
Port 10
8-bit I/O port
Input/output mode can be specified in 1-bit units.
RTP07
P110
P111
P112
P113
I/O
No
Port 11
4-bit I/O port
Input/output mode can be specified in 1-bit units.
P120
SI4
P121
SO4
P122
SCK4
P123
CLO
P124
TI6/TO6
P125
TI7/TO7
P126
TI10/TO10
P127
I/O
No
Port 12
8-bit I/O port
Input/output mode can be specified in 1-bit units.
TI11/TO11
P130
INTCP80
P131
INTCP81
P132
INTCP82
P133
INTCP83
P134
TI8/INTTI8
P135
TCLR8/INTTCLR8
P136
TO80
P137
I/O
No
Port 13
8-bit I/O port
Input/output mode can be specified in 1-bit units.
TO81
P140
INTCP90
P141
INTCP91
P142
INTCP92
P143
INTCP93
P144
TI9/INTTI9
P145
RTPTRG1
P146
P147
I/O
No
Port 14
8-bit I/O port
Input/output mode can be specified in 1-bit units.
Remark
PULL: on-chip pull-up resistor


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn