Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703100-33 Datasheet(PDF) 3 Page - NEC

No. de Pieza. UPD703100-33
Descripción  V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703100-33 Datasheet(HTML) 3 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 3 / 126 page
background image
Preliminary Data Sheet U13995EJ1V0DS00
3
µµµµPD703100-33, 703100-40, 703101-33, 703102-33
PIN NAMES
A0 to A23
: Address Bus
P50 to P57
: Port 5
ADTRG
: AD Trigger Input
P60 to P67
: Port 6
ANI0 to ANI7
: Analog Input
P70 to P77
: Port 7
AVDD
: Analog Power Supply
P80 to P87
: Port 8
AVREF
: Analog Reference Voltage
P90 to P97
: Port 9
AVSS
: Analog Ground
P100 to P107
: Port 10
BCYST
: Bus Cycle Start Timing
P110 to P117
: Port 11
CKSEL
: Clock Generator Operating Mode Select
P120 to P127
: Port 12
CLKOUT
: Clock Output
PA0 to PA7
: Port A
CS0 to CS7
: Chip Select
PB0 to PB7
: Port B
CVDD
: Clock Generator Power Supply
PX5 to PX7
: Port X
CVSS
: Clock Generator Ground
RAS0 to RAS7
: Row Address Strobe
D0 to D15
: Data Bus
RD
: Read
DMAAK0 to DMAAK3 : DMA Acknowledge
REFRQ
: Refresh Request
DMARQ0 to DMARQ3 : DMA Request
RESET
: Reset
HLDAK
: Hold Acknowledge
RXD0, RXD1
: Receive Data
HLDRQ
: Hold Request
SCK0 to SCK3
: Serial Clock
HVDD
: Power Supply for External Pins
SI0 to SI3
: Serial Input
INTP100 to INTP103, : Interrupt Request from Peripherals
SO0 to SO3
: Serial Output
INTP110 to INTP113,
TC0 to TC3
: Terminal Count Signal
INTP120 to INTP123,
TCLR10 to TCLR15 : Timer Clear
INTP130 to INTP133,
TI10 to TI15
: Timer Input
INTP140 to INTP143,
TO100, TO101,
: Timer Output
INTP150 to INTP153
TO110, TO111,
IORD
: I/O Read Strobe
TO120, TO121,
IOWR
: I/O Write Strobe
TO130, TO131,
LCAS
: Lower Column Address Strobe
TO140, TO141,
LWR
: Lower Write Strobe
TO150, TO151
MODE0 to MODE3
: Mode
TXD0, TXD1
: Transmit Data
NMI
: Non-Maskable Interrupt Request
UCAS
: Upper Column Address Strobe
OE
: Output Enable
UWR
: Upper Write Strobe
P00 to P07
: Port 0
VDD
: Power Supply for Internal Unit
P10 to P17
: Port 1
VSS
: Ground
P20 to P27
: Port 2
WAIT
: Wait
P30 to P37
: Port 3
WE
: Write Enable
P40 to P47
: Port 4
X1, X2
: Crystal


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn