Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703100-33 Datasheet(PDF) 1 Page - NEC

No. de Pieza. UPD703100-33
Descripción  V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703100-33 Datasheet(HTML) 1 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
The information in this document is subject to change without notice.
MOS INTEGRATED CIRCUIT
µµµµPD703100-33, 703100-40, 703101-33, 703102-33
V850E/MS1
TM
32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Document No. U13995EJ1V0DS00 (1st edition)
Date Published April 1999 N CP(K)
Printed in Japan
PRELIMINARY DATA SHEET
1999
©
The
µPD703101-33 and µPD703102-33 are members of the V850 FamilyTM of 32-bit single-chip microcontrollers
designed for real-time control operations. These microcontrollers provide on-chip features, including a 32-bit CPU
core, ROM, RAM, interrupt controller, real-time pulse unit, serial interface, A/D converter, and DMA controller.
The
µPD703100-33 and µPD703100-40 are ROM-less versions of the µPD703101-33 and µPD703102-33
products.
The
µPD703100-A33, µPD703100-A40, µPD703101-A33, and µPD703102-A33 are also available as products
having a 3.3-V power supply for external pins.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
V850E/MS1 User’s Manual Hardware:
U12688E
V850E/MS1 User’s Manual Architecture: U12197E
FEATURES
Number of instructions: 81
Minimum instruction execution time
25 ns (@ 40-MHz operation) ·····
µPD703100-40
30 ns (@ 33-MHz operation) ·····
µPD703100-33, 703101-33, 703102-33
General registers 32 bits
× 32
Instruction set optimized for control applications
Internal memory ROM : None (
µPD703100-33, 703100-40),
96 Kbytes (
µPD703101-33),
128 Kbytes (
µPD703102-33)
RAM : 4 Kbytes
Advanced on-chip interrupt controller
Real-time pulse unit suitable for control operations
Powerful serial interface (on-chip dedicated baud rate generator)
On-chip clock generator
10-bit resolution A/D converter: 8 channels
DMA controller: 4 channels
Power saving functions
APPLICATIONS
Office automation equipment: printers, facsimile machines, PPCs, etc.
Multimedia equipment: digital still cameras, video printers, etc.
Consumer equipment: single-lens reflex cameras, etc.
Industrial equipment: motor controllers, NC machine tools, etc.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn