Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD703100-40 Datasheet(PDF) 86 Page - NEC

No. de pieza UPD703100-40
Descripción Electrónicos  V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD703100-40 Datasheet(HTML) 86 Page - NEC

Back Button UPD703100-40 Datasheet HTML 82Page - NEC UPD703100-40 Datasheet HTML 83Page - NEC UPD703100-40 Datasheet HTML 84Page - NEC UPD703100-40 Datasheet HTML 85Page - NEC UPD703100-40 Datasheet HTML 86Page - NEC UPD703100-40 Datasheet HTML 87Page - NEC UPD703100-40 Datasheet HTML 88Page - NEC UPD703100-40 Datasheet HTML 89Page - NEC UPD703100-40 Datasheet HTML 90Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 126 page
background image
Preliminary Data Sheet U13995EJ1V0DS00
86
µµµµPD703100-33, 703100-40, 703101-33, 703102-33
(6) DRAM access timing
(a) Read timing (high-speed page DRAM access, normal access: off-page) (1/3)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
WAIT setup time (to CLKOUT
↓)
<24>
tSWK
15
ns
WAIT hold time (from CLKOUT
↓)
<25>
tHKW
2ns
Data input setup time (to CLKOUT
↑)
<26>
tSKID
18
ns
Data input hold time (from CLKOUT
↑)
<27>
tHKID
2ns
Data output delay time from OE
<37>
tDRDOD
(0.5 + i) T – 10
ns
Row address setup time
<56>
tASR
(0.5 + wRP) T – 10
ns
Row address hold time
<57>
tRAH
(0.5 + wRH) T – 10
ns
Column address setup time
<58>
tASC
0.5T – 10
ns
Column address hold time
<59>
tCAH
(1.5 + wDA + w) T – 10
ns
Read/write cycle time
<60>
tRC
(3 + wRP + wRH + wDA + w)
T – 10
ns
RAS precharge time
<61>
tRP
(0.5 + wRP) T – 10
ns
RAS pulse time
<62>
tRAS
(2.5 + wRH + wDA + w)
T – 10
ns
RAS hold time
<63>
tRSH
(1.5 + wDA + w) T – 10
ns
Column address read time for RAS
<64>
tRAL
(2 + wDA + w) T – 10
ns
CAS pulse width
<65>
tCAS
(1 + wDA + w) T – 10
ns
CAS-RAS precharge time
<66>
tCRP
(1 + wRP) T – 10
ns
CAS hold time
<67>
tCSH
(2 + wRH + wDA + w)
T – 10
ns
WE setup time
<68>
tRCS
(2 + wRP + wRH) T – 10
ns
WE hold time (from RAS
↑)
<69>
tRRH
0.5T – 10
ns
WE hold time (from CAS
↑)
<70>
tRCH
T – 10
ns
CAS precharge time
<71>
tCPN
(2 + wRP + wRH) T – 10
ns
Output enable access time
<72>
tOEA
(2 + wRP + wRH + wDA + w)
T – 28
ns
RAS access time
<73>
tRAC
(2 + wRH + wDA + w)
T – 28
ns
Access time from column address
<74>
tAA
(1.5 + wDA + w) T – 28
ns
CAS access time
<75>
tCAC
(1 + wDA + w) T – 28
ns
Remarks 1. T = tCYK
2. w: the number of waits due to WAIT.
3. wRP: the number of waits due to the RPCxx bit of the DRCn register (n = 0 to 3, xx = 00 to 03, 10 to
13).
4. wRH: the number of waits due to the RHCxx bit of the DRCn register (n = 0 to 3, xx = 00 to 03, 10 to
13).
5. wDA: the number of waits due to the DACxx bit of the DRCn register (n = 0 to 3, xx = 00 to 03, 10 to
13).
6. i: the number of idle states that are inserted when a write cycle follows a read cycle.


Número de pieza similar - UPD703100-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
UPD703100-40 RENESAS-UPD703100-40 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
More results

Descripción similar - UPD703100-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD70F3461 RENESAS-PD70F3461_15 Datasheet
926Kb / 63P
   V850E/CAG4-M 32-Bit Single-Chip Microcontroller
logo
NEC
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com