Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD703100A-33 Datasheet(PDF) 35 Page - NEC

No. de pieza UPD703100A-33
Descripción Electrónicos  V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD703100A-33 Datasheet(HTML) 35 Page - NEC

Back Button UPD703100A-33 Datasheet HTML 31Page - NEC UPD703100A-33 Datasheet HTML 32Page - NEC UPD703100A-33 Datasheet HTML 33Page - NEC UPD703100A-33 Datasheet HTML 34Page - NEC UPD703100A-33 Datasheet HTML 35Page - NEC UPD703100A-33 Datasheet HTML 36Page - NEC UPD703100A-33 Datasheet HTML 37Page - NEC UPD703100A-33 Datasheet HTML 38Page - NEC UPD703100A-33 Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 132 page
background image
Preliminary Data Sheet U14168EJ2V0DS00
35
µµµµPD703100A-33, 703100A-40, 703101A-33, 703102A-33
Table 8-1. List of Interrupts (3/3)
Interrupt/Exception Source
Type
Category
Name
Control
Register
Generation Source
Generating
Unit
Default
Priority
Exception
Code
Handler
Address
Restore
PC
Interrupt
INTSR0
SRIC0
UART0 receive
completion
SIO
38
0320H
00000320H
nextPC
Interrupt
INTST0
STIC0
UART0 send
completion
SIO
39
0330H
00000330H
nextPC
Interrupt
INTCSI1
CSIC1
CSI1 send/receive
completion
SIO
40
0340H
00000340H
nextPC
Interrupt
INTSER1
SEIC1
UART1 receive error
SIO
41
0350H
00000350H
nextPC
Interrupt
INTSR1
SRIC1
UART1 receive
completion
SIO
42
0360H
00000360H
nextPC
Interrupt
INTST1
STIC1
UART1 send
completion
SIO
43
0370H
00000370H
nextPC
Interrupt
INTCSI2
CSIC2
CSI2 send/receive
completion
SIO
44
0380H
00000380H
nextPC
Interrupt
INTCSI3
CSIC3
CSI3 send/receive
completion
SIO
45
03C0H
000003C0H
nextPC
Maskable
Interrupt
INTAD
ADIC
A/D conversion
completion
ADC
46
0400H
00000400H
nextPC
Remarks 1. Default priority: The priority that takes precedence when two or more maskable interrupt requests
having the same priority level are generated at the same time. The highest priority
is 0.
Restore PC: The PC value that is saved in EIPC or FEPC when the interrupt or exception
processing is started. However, the restore PC value that is saved when an interrupt is
acknowledged during the execution of a division instruction (DIV, DIVH, DIVU, or
DIVHU) is the PC value of the current instruction (DIV, DIVH, DIVU, or DIVHU).
2. The execution address of the illegal instruction when an illegal opcode exception occurs is obtained
according to the calculation “restore PC - 4.”


Número de pieza similar - UPD703100A-33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
UPD703100A-33 RENESAS-UPD703100A-33 Datasheet
759Kb / 87P
   MOS INTEGRATED CIRCUIT
1999
More results

Descripción similar - UPD703100A-33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD70F3461 RENESAS-PD70F3461_15 Datasheet
926Kb / 63P
   V850E/CAG4-M 32-Bit Single-Chip Microcontroller
logo
NEC
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com