Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD703100A-33 Datasheet(PDF) 65 Page - NEC

No. de pieza UPD703100A-33
Descripción Electrónicos  V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD703100A-33 Datasheet(HTML) 65 Page - NEC

Back Button UPD703100A-33 Datasheet HTML 61Page - NEC UPD703100A-33 Datasheet HTML 62Page - NEC UPD703100A-33 Datasheet HTML 63Page - NEC UPD703100A-33 Datasheet HTML 64Page - NEC UPD703100A-33 Datasheet HTML 65Page - NEC UPD703100A-33 Datasheet HTML 66Page - NEC UPD703100A-33 Datasheet HTML 67Page - NEC UPD703100A-33 Datasheet HTML 68Page - NEC UPD703100A-33 Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 132 page
background image
Preliminary Data Sheet U14168EJ2V0DS00
65
µµµµPD703100A-33, 703100A-40, 703101A-33, 703102A-33
(6/7)
Execution
Clock
Flags
Mnemonic
Operand
Opcode
Operation
ir
l
CY
OV
S
Z
SAT
r rrrr1001dddddd d
SST.H
reg2,disp8[ep]
Note 19
adr
←ep+zero-extend(disp8)
Store-memory(adr,GR[reg2],Half-word)
11
1
r rrrr1010dddddd 1
SST.W
reg2,disp8[ep]
Note 21
adr
←ep+zero-extend(disp8)
Store-memory(adr,GR[reg2],Word)
11
1
r rrrr111010RRRR R
ST.B
reg2,disp16[reg1]
d dddddddddddddd d
adr
←GR[reg1]+sign-extend(disp16)
Store-memory(adr,GR[reg2],Byte)
11
1
r rrrr111011RRRR R
d dddddddddddddd 0
ST.H
reg2,disp16[reg1]
Note 8
adr
←GR[reg1]+sign-extend(disp16)
Store-memory(adr,GR[reg2],Half-word)
11
1
r rrrr111011RRRR R
d dddddddddddddd 1
ST.W
reg2,disp16[reg1]
Note 8
adr
←GR[reg1]+sign-extend(disp16)
Store-memory(adr,GR[reg2],Word)
11
1
r rrrr111111RRRR R
STSR
regID,reg2
0 00000000100000 0
GR[reg2]
←SR[regID]
1
1
1
SUB
reg1,reg2
r rrrr001101RRRR R
GR[reg2]
←GR[reg2]−GR[reg1]
1
1
1
××
××
SUBR
reg1,reg2
r rrrr001100RRRR R
GR[reg2]
←GR[reg1]−GR[reg2]
1
1
1
××
××
SWITCH
reg1
0 0000000010RRRR R
adr
←(PC+2)+(GR[reg1] logically shift left
by 1)
PC
←(PC+2)+(sign-extend(Load-
memory(adr,Half-word)))
logically shift left by 1
55
5
SXB
reg1
0 0000000101RRRR R
GR[reg1]
←sign-extend
(GR[reg1] (7 : 0)
11
1
SXH
reg1
0 0000000111RRRR R
GR[reg1]
←sign-extend
(GR[reg1] (15 : 0))
11
1
0 0000111111iiii i
TRAP
vector
0 00000010000000 0
EIPC
←PC+4 (restore PC)
EIPSW
←PSW
ECR.EICC
←Interrupt code
PSW.EP
←1
PSW.ID
←1
PC
←00000040H (when vector
is 00H to 0FH)
00000050H (when vector
is 10H to 1FH)
33
3
TST
reg1,reg2
r rrrr001011RRRR R
result
←GR[reg2] AND GR[reg1]
1
1
1
0
××
1 1bbb111110RRRR R
bit#3,disp16[reg1]
d dddddddddddddd d
adr
←GR[reg1]+sign-extend(disp16)
Z flag
←Not(Load-memory-bit(adr,bit#3))
3
Note 3
3
Note 3
3
Note 3
×
r rrrr111111RRRR R
TST1
reg2,[reg1]
0 00000001110011 0
adr
←GR[reg1]
Z flag
←Not(Load-memory-bit(adr,reg2))
3
Note 3
3
Note 3
3
Note 3
×


Número de pieza similar - UPD703100A-33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
UPD703100A-33 RENESAS-UPD703100A-33 Datasheet
759Kb / 87P
   MOS INTEGRATED CIRCUIT
1999
More results

Descripción similar - UPD703100A-33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD70F3461 RENESAS-PD70F3461_15 Datasheet
926Kb / 63P
   V850E/CAG4-M 32-Bit Single-Chip Microcontroller
logo
NEC
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com