Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD703100A-33 Datasheet(PDF) 7 Page - NEC

No. de pieza UPD703100A-33
Descripción Electrónicos  V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD703100A-33 Datasheet(HTML) 7 Page - NEC

Back Button UPD703100A-33 Datasheet HTML 3Page - NEC UPD703100A-33 Datasheet HTML 4Page - NEC UPD703100A-33 Datasheet HTML 5Page - NEC UPD703100A-33 Datasheet HTML 6Page - NEC UPD703100A-33 Datasheet HTML 7Page - NEC UPD703100A-33 Datasheet HTML 8Page - NEC UPD703100A-33 Datasheet HTML 9Page - NEC UPD703100A-33 Datasheet HTML 10Page - NEC UPD703100A-33 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 132 page
background image
Preliminary Data Sheet U14168EJ2V0DS00
7
µµµµPD703100A-33, 703100A-40, 703101A-33, 703102A-33
INTERNAL BLOCK DIAGRAM
TCLR10 to TCLR15
TI10 to TI15
TO100, TO101,
TO110, TO111,
TO120, TO121,
TO130, TO131,
TO140, TO141,
TO150, TO151
INTP100 to INTP103,
INTP110 to INTP113,
INTP120 to INTP123,
INTP130 to INTP133,
INTP140 to INTP143,
INTP150 to INTP153
NMI
INTC
RPU
UART0/CSI0
SIO
SCK0
SI0/RXD0
SO0/TXD0
BRG0
UART1/CSI1
SCK1
SI1/RXD1
SO1/TXD1
BRG1
CSI2
SCK2
SI2
SO2
BRG2
CSI3
SCK3
SI3
SO3
AVREF
ADC
AVSS
AVDD
ADTRG
ANI0 to ANI7
Ports
Note
ROM
4 Kbytes
RAM
Instruction queue
PC
System registers
General registers
(32 bits
× 32)
Multiplier
(32
× 32 → 64)
Barrel
shifter
ALU
DRAMC
Page ROM
controller
DMAC
BCU
CPU
TC0 to TC3
LWR/LCAS
DMAAK0 to DMARQ3
DMARQ0 to DMARQ3
D0 to D15
A0 to A23
WAIT
CS0 to CS7/RAS0 to RAS7
UWR/UCAS
OE
RD
WE
BCYST
REFRQ
IORD
IOWR
HLDAK
HLDRQ
CG
CKSEL
CLKOUT
X1
X2
CVDD
CVSS
System
controller
RESET
VDD
VSS
MODE0 to MODE3
Note
µPD703100A-33, 703100A-40: None
µPD703101A-33: 96 Kbytes (mask ROM)
µPD703102A-33: 128 Kbytes (mask ROM)


Número de pieza similar - UPD703100A-33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
UPD703100A-33 RENESAS-UPD703100A-33 Datasheet
759Kb / 87P
   MOS INTEGRATED CIRCUIT
1999
More results

Descripción similar - UPD703100A-33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD70F3461 RENESAS-PD70F3461_15 Datasheet
926Kb / 63P
   V850E/CAG4-M 32-Bit Single-Chip Microcontroller
logo
NEC
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com